Electronic Components Datasheet Search
  English  ▼

X  

OP249GPZ Datasheet(PDF) 17 Page - Analog Devices

Part # OP249GPZ
Description  Precision JFET, High Speed, Dual Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP249GPZ Datasheet(HTML) 17 Page - Analog Devices

Back Button OP249GPZ Datasheet HTML 11Page - Analog Devices OP249GPZ Datasheet HTML 12Page - Analog Devices OP249GPZ Datasheet HTML 13Page - Analog Devices OP249GPZ Datasheet HTML 14Page - Analog Devices OP249GPZ Datasheet HTML 15Page - Analog Devices OP249GPZ Datasheet HTML 16Page - Analog Devices OP249GPZ Datasheet HTML 17Page - Analog Devices OP249GPZ Datasheet HTML 18Page - Analog Devices OP249GPZ Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
OP249
Data Sheet
Rev. I | Page 16 of 18
10
0%
100
90
500mV
1µs
4µs
10
0%
100
90
500mV
1µs
4µs
A
C = 5pF
RESPONSE IS GROSSLY UNDERDAMPED,
AND EXHIBITS RINGING
B
C = 15pF
FAST RISE TIME CHARACTERISTICS, BUT AT EXPENSE
OF SLIGHT PEAKING IN RESPONSE
Figure 49. Effect of Altering Compensation from Circuit in Figure 47—PM7545 CMOS DAC with 1/2 OP249, Unipolar Operation;
Critically Damped Response Is Obtained with C ≈ 33 pF
Figure 49 illustrates the effect of altering the compensation on
the output response of the circuit in Figure 47. Compensation is
required to address the combined effect of the output capacitance
of the DAC, the input capacitance of the op amp, and any stray
capacitance. Slight adjustments to the compensation capacitor may
be required to optimize settling response for any given application.
The settling time of the combination of the current output DAC
and the op amp can be approximated by
(
) (
)2
2
AMP
t
DAC
t
TOTAL
t
S
S
S
+
=
The actual overall settling time is affected by the noise gain of
the amplifier, the applied compensation, and the equivalent
input capacitance at the input of the amplifier.
DISCUSSION ON DRIVING ADCs
Settling characteristics of op amps also include the ability of the
amplifier to recover, that is, settle, from a transient current output
load condition. An example of this includes an op amp driving
the input from a SAR-type ADC. Although the comparison
point of the converter is usually diode clamped, the input swing
of plus-and-minus a diode drop still gives rise to a significant
modulation of input current. If the closed-loop output impedance
is low enough and bandwidth of the amplifier is sufficiently
large, the output settles before the converter makes a comparison
decision, which prevents linearity errors or missing codes.
Figure 50 shows a settling measurement circuit for evaluating
recovery from an output current transient. An output disturbing
current generator provides the transient change in output load
current of 1 mA.
+15V
+15V
1.5kΩ
1N4148
220Ω
1.8kΩ
2N3904
1kΩ
*
*
TTL INPUT
+15V
2N2907
7A13 PLUG-IN
7A13 PLUG-IN
300pF
1/2
OP249
1kΩ
|VREF|
ΔIOUT =
–15V
0.1µF
0.1µF
0.1µF
10µF
VREF
0.01µF
1kΩ
0.47µF
3
2
8
1
4
*DECOUPLE CLOSE TOGETHER ON GROUND
PLANE WITH SHORT LEAD LENGTHS.
Figure 50. Transient Output Impedance Test Fixture
As seen in Figure 51, the OP249 has an extremely fast recovery
of 247 ns (to 0.01%) for a 1 mA load transient. The performance
makes it an ideal amplifier for data acquisition systems.
10
0%
100
90
100ns
2V
2mV
247.4ns
Figure 51. Transient Recovery Time of the OP249 from
a 1 mA Load Transient to 0.01%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com