Electronic Components Datasheet Search
  English  ▼

X  

VSC8061 Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC8061
Description  2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8061 Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC8061 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8061/VSC8062
2.5Gb/s 16-Bit
Multiplexer/Demultiplexer Chipset
Page 4
G52069-0, Rev 4.3
05/11/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
VSC8061 Phase Detector Logic Diagram
The internal phase detector of the VSC8061 compares the phase difference between the internally gener-
ated divide-by-16 clock and the DCLK input. If both inputs (CLK16 and DCLK) to the phase detector are in
phase, the U and D outputs will both be low. If the rising edge of CLK16 precedes DCLK, a series of pulses
with pulse widths proportional to the phase difference will be present at the U output. Conversely, if DCLK pre-
cedes CLK16, then a series of pulses with widths proportional to the phase difference will be present at the D
output. The other output will remain low. The Phase Detector ignores phase differences for falling edges. This
circuitry is useful for implementing a Clock Multiplier Unit (CMU) function with the VSC8061. For example,
the DLCK can be the system reference clock at the parallel data rate. An external Voltage Controlled Oscillator
(VCO) at 16x the frequency of the reference clock can be used as the CLK input for the VSC8061. The phase
detector outputs (U and D) can then be used by an external integrator to generate an output that controls the
VCO. The generated 16x clock from the VCO will be phase-locked to the reference clock.
Figure 4: VSC8061 Phase Detector Logic Diagram
Figure 5: Phase Detector Input and Output Waveforms
CLK16
R
S
Q
S
R Q
U
D
DCLK
CLK16
DCLK
U
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com