Electronic Components Datasheet Search
  English  ▼

X  

VSC8061 Datasheet(PDF) 18 Page - Vitesse Semiconductor Corporation

Part # VSC8061
Description  2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8061 Datasheet(HTML) 18 Page - Vitesse Semiconductor Corporation

Back Button VSC8061 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 20Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8061/VSC8062
2.5Gb/s 16-Bit
Multiplexer/Demultiplexer Chipset
Page 18
G52069-0, Rev 4.3
05/11/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Figure 12: Data Eye From Serial Output of VSC8061 in QH Package (D0/D0N)
Amplitude: 200 mV/div
Time Scale: 50 ps/div
Data Rate: 2.5 Gb/s
Figure 13: Measurement Setup
1:16
De-serializer
D0
D1
D15
2.5Gb/s
231 - 1 PRB Data
D0
D1
D15
VSC8061
D0
D0N
Bit Error
Rate Tester
TEK CSA803
Signal Analyzer
16 Channels
at 155Mb/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com