Electronic Components Datasheet Search
  English  ▼

X  

VSC8061 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC8061
Description  2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8061 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC8061 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
G52069-0, Rev 4.3
Page 1
05/11/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Data Sheet
VSC8061/VSC8062
Multiplexer/Demultiplexer Chipset
2.5Gb/s 16-Bit
Features
Functional Description
The VSC8061 and VSC8062 are high-speed interface devices capable of data rates up to 2.5Gb/s. The
devices are fabricated in gallium arsenide using the Vitesse H-GaAs E/D MESFET process to achieve high-
speed and low power dissipation. For ease of system design using these products, both devices use industry-
standard -5.2V and -2V power supplies, and have ECL-compatible I/O for parallel data interfaces. Typical
applications include telecommunication transmission and instrumentation.
VSC8061 Multiplexer
The VSC8061 consists of a 16:1 multiplexer circuit, a phase detector, and a timing circuit which generates
a divide-by-16 clock from the high-speed clock input. The 16:1 multiplexer accepts 16 parallel single-ended
ECL compatible inputs (D0...D15) at data rates up to 156Mb/s and bitwise serializes them into a 2.5Gb/s serial
output (DO/DON). The internal timing of the VSC8061 is referenced to the negative going edge of the high-
speed clock true input (CLK). This clock is divided by 16 and is provided as an output (CLK16/CLK16N). The
setup and hold time of the parallel inputs (D[0:15]) are specified with respect to the falling edge of CLK16, so
that CLK16/CLK16N can be used to clock the data source of D[0:15]. The on-chip phase detector monitors the
phase relationship between the internally generated divide-by-16 clock and an externally supplied low-speed
reference clock input (DCLK/DCLKN). Phase difference between these two clock signals generates an up or
down output (U, D) for phase lock applications. The phase detector can be used as part of an external Phase
Locked Loop (PLL) to implement a clock multiplication function.
In applications where a 2.5GHz system clock is provided, and the phase detector function is not required, it
is recommended to connect one side of the DCLK/DCLKN input to VTT through a 50Ω resistor. The U and D
output can be left open and unused.
VSC8062 Demultiplexer
The VSC8062 consists of a 1:16 demultiplexer and timing circuitry which generates a divide-by-16 clock
from the high-speed clock input. The demultiplexer accepts a serial data stream input (DI/DIN) at up to 2.5Gb/s
and deserializes it into 16 parallel single-ended ECL compatible outputs (D[0:15]) at data rates up to 156 Mb/s.
The internal timing of the VSC8062 is referenced to the negative going edge of the high-speed clock true input
(CLK). This clock is divided by 16 and provided as an output (CLK16/ CLK16N). The timing parameters of the
parallel data outputs (D[0:15]) are specified with respect to the falling edge of CLK16, so that CLK16/CLK16N
can be used to clock the destination of D[0:15].
• Serial Data Rate up to 2.5Gb/s
• 16-Bit Wide ECL 100K Compatible Parallel Data
Interface
• Differential High-Speed Data Outputs
• Differential or Single-Ended High-Speed Data and
Clock Inputs
• On-Chip Phase Detector (VSC8061 Multiplexer)
• Power Dissipation: VSC8061:2.0W(max),
VSC8062: 1.7W(max)
• Standard ECL Power Supplies: VEE = -5.2V,
VTT = -2.0V
• Commercial (0oC to +70oC) or Industrial (-40oC
to +85o C) Temperature Range
• Available in 52-Pin Ceramic Leaded Chip Carrier
or 52-Pin Plastic Quad Flat Pack Packages


Similar Part No. - VSC8061

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8021 VITESSE-VSC8021 Datasheet
214Kb / 17P
2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset
VSC8021FC VITESSE-VSC8021FC Datasheet
214Kb / 17P
2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset
VSC8021FI VITESSE-VSC8021FI Datasheet
214Kb / 17P
2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset
VSC8022 VITESSE-VSC8022 Datasheet
214Kb / 17P
2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset
VSC8022FC VITESSE-VSC8022FC Datasheet
214Kb / 17P
2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset
More results

Similar Description - VSC8061

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16233 TI-SN74CBT16233 Datasheet
77Kb / 5P
16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Fairchild Semiconductor
FST16233 FAIRCHILD-FST16233 Datasheet
100Kb / 6P
16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
FSTU32160A FAIRCHILD-FSTU32160A Datasheet
96Kb / 6P
16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
logo
Vitesse Semiconductor C...
VSC7146 VITESSE-VSC7146 Datasheet
251Kb / 19P
2.5Gb/s, 20-Bit Transceiver
VSC8021 VITESSE-VSC8021 Datasheet
214Kb / 17P
2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset
logo
Texas Instruments
SN74CBT16233 TI-SN74CBT16233_06 Datasheet
155Kb / 9P
16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16390 TI-SN74CBT16390_08 Datasheet
333Kb / 11P
16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
SN74BCT2423A TI1-SN74BCT2423A Datasheet
231Kb / 14P
16-BIT LATCHED MULTIPLEXER/DEMULTIPLEXER BUS TRANSCEIVERS
logo
Fairchild Semiconductor
FST16233MTDX FAIRCHILD-FST16233MTDX Datasheet
101Kb / 6P
16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
FST16233 ONSEMI-FST16233 Datasheet
203Kb / 8P
16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
Revised November 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com