Electronic Components Datasheet Search
  English  ▼

X  

VSC8061 Datasheet(PDF) 12 Page - Vitesse Semiconductor Corporation

Part # VSC8061
Description  2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8061 Datasheet(HTML) 12 Page - Vitesse Semiconductor Corporation

Back Button VSC8061 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 16Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8061/VSC8062
2.5Gb/s 16-Bit
Multiplexer/Demultiplexer Chipset
Page 12
G52069-0, Rev 4.3
05/11/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Table 7: VSC8061 Pin Identifications
NOTE: (1) Can be used single-ended.
Pin Number
QH Package
Pin number
F Package
Signal
Name
I/O
Level
Description
38
13
CLK
I
HS
High-speed clock true(1)
37
12
CLKN
I
HS
High-speed clock, complement (1)
9
34
DCLK
I
ECL
Data clock true(1)
10
35
DCLKN
I
ECL
Data Clock complement(1)
34
9
CLK16
O
ECL
Clock divide-by-16, true
33
8
CLK16N
O
ECL
Clock divide-by-16, complement
11, 15-20, 22-
25, 28-32
1-3, 5, 6,
8-42, 44, 45,
47, 48, 50, 51
D[0:15]
I
ECL
Parallel data inputs
45
19
DO
O
HS
Serial data output, true
44
17
DON
O
HS
Serial data output, complement
7
31
U
O
ECL
Phase detector output - up frequency
8
32
D
O
ECL
Phase detector output - down frequency
1, 12, 27,
39, 51
4, 10, 18, 30,
36, 43, 49
VCC
Pwr
Most positive power supply
2, 5, 13, 14, 21,
26, 35
7,46
VTT
Pwr
DCFL negative power supply
36, 42, 43,
46, 49
33
VEE
Pwr
SCFL negative power supply
6, 40, 41, 47,
48, 50
11, 14-16,
20-22, 24-26,
29, 37, 52
NC
Do not connect, leave open
3, 4
27, 28
Test
Test inputs. Used in factory for testing, connect to
VTT through a resistor
52
23
VEE
Pwr
Heat sink bias, connect to VEE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com