Electronic Components Datasheet Search
  English  ▼

X  

VLM33 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VLM33
Description  Power SMD LED PLCC-2
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLM33 Datasheet(HTML) 4 Page - Vishay Siliconix

  VLM33 Datasheet HTML 1Page - Vishay Siliconix VLM33 Datasheet HTML 2Page - Vishay Siliconix VLM33 Datasheet HTML 3Page - Vishay Siliconix VLM33 Datasheet HTML 4Page - Vishay Siliconix VLM33 Datasheet HTML 5Page - Vishay Siliconix VLM33 Datasheet HTML 6Page - Vishay Siliconix VLM33 Datasheet HTML 7Page - Vishay Siliconix VLM33 Datasheet HTML 8Page - Vishay Siliconix VLM33 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
VLM.33..
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 03-Nov-15
4
Document Number: 81336
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Ambient Temperature
Fig. 2 - Forward Current vs. Pulse Length
Fig. 3 - Relative Luminous Intensity vs. Angular Displacement
Fig. 4 - Forward Current vs. Forward Voltage
Fig. 5 - Relative Luminous Intensity vs. Forward Current
Fig. 6 - Relative Intensity vs. Wavelength
0
10
20
30
40
50
60
70
80
90
100
0
25
50
75
100
125
16784
R
thJA = 400 K/W
Tamb - Ambient Temperature (°C)
0.00
0.02
0.04
0.06
0.08
0.10
0.12
tp - Pulse Length (s)
10-5 10-4 10-3 10-2 10-1 100
101
102
t
p/T = 0.005
0.05
0.5
17044
0.4
0.2
0
95 10319
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0
10
20
30
40
50
60
70
80
90
100
1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5
V
F - Forward Voltage (V)
20144
yellow
soft orange
amber
super red
0.01
0.1
1
10
1
10
100
I
F - Forward Current (mA)
super red
20143
amber
yellow
soft orange
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
600 610 620 630 640 650 660 670 680 690 700
20198
super red
λ - Wavelength (nm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com