Electronic Components Datasheet Search
  English  ▼

X  

VLM33 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VLM33
Description  Power SMD LED PLCC-2
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLM33 Datasheet(HTML) 1 Page - Vishay Siliconix

  VLM33 Datasheet HTML 1Page - Vishay Siliconix VLM33 Datasheet HTML 2Page - Vishay Siliconix VLM33 Datasheet HTML 3Page - Vishay Siliconix VLM33 Datasheet HTML 4Page - Vishay Siliconix VLM33 Datasheet HTML 5Page - Vishay Siliconix VLM33 Datasheet HTML 6Page - Vishay Siliconix VLM33 Datasheet HTML 7Page - Vishay Siliconix VLM33 Datasheet HTML 8Page - Vishay Siliconix VLM33 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
VLM.33..
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 03-Nov-15
1
Document Number: 81336
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power SMD LED PLCC-2
DESCRIPTION
The VLM.33.. series is an advanced modification of the
Vishay VLM.33.. series. It is designed to incorporate larger
chips, therefore, capable of withstanding a 50 mA drive
current.
The package of the VLM.33.. is the PLCC-2.
It consists of a lead frame which is embedded in a white
thermoplast. The reflector inside this package is filled up
with clear epoxy.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: SMD PLCC-2
• Product series: power
• Angle of half intensity: ± 60°
FEATURES
• Utilizing (AS) AlInGaP technology
• Available in 8 mm tape
• Luminous intensity and color categorized per
packing unit
• Luminous intensity ratio per packing unit
IVmax./IVmin.
≤ 1.6
• Thermal resistance R = 400 K/W
• ESD-withstand voltage: up to 2 kV according to
JESD22-A114-B
• Preconditioning according to JEDEC® level 2a
• Compatible with reflow, vapor phase, and wave solder
processes according to CECC 00802 and J-STD-020
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Traffic signals and signs
• Interior and exterior lighting
• Dashboard illumination
• Indicator and backlighting purposes for audio, video,
LCDs switches, symbols, illuminated advertising etc.
19225
PARTS TABLE
PART
COLOR
LUMINOUS
INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD
VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN. TYP. MAX.
MIN. TYP. MAX.
MIN. TYP. MAX.
VLMS33S1T2-GS08
Super red
180
290
450
30
626
630
638
30
1.7
2.0
2.5
30
AlInGaP on GaAs
VLMS33S1T2-GS18
Super red
180
290
450
30
626
630
638
30
1.7
2.0
2.5
30
AlInGaP on GaAs
VLMS33S1U1-GS08
Super red
180
290
560
30
626
630
638
30
1.7
2.0
2.5
30
AlInGaP on GaAs
VLMS33S1U1-GS18
Super red
180
290
560
30
626
630
638
30
1.7
2.0
2.5
30
AlInGaP on GaAs
VLMR33T1U2-GS08
Amber
280
450
710
30
611
617
622
30
1.7
2.0
2.5
30
AlInGaP on GaAs
VLMR33T1U2-GS18
Amber
280
450
710
30
611
617
622
30
1.7
2.0
2.5
30
AlInGaP on GaAs
VLMR33R2U2-GS08
Amber
140
450
710
30
611
617
622
30
1.7
2.0
2.5
30
AlInGaP on GaAs
VLMR33R2U2-GS18
Amber
140
450
710
30
611
617
622
30
1.7
2.0
2.5
30
AlInGaP on GaAs
VLMO33S1T2-GS08
Soft orange
180
327
450
30
600
605
611
30
1.7
2.0
2.5
30
AlInGaP on GaAs
VLMO33S1T2-GS18
Soft orange
180
327
450
30
600
605
611
30
1.7
2.0
2.5
30
AlInGaP on GaAs
VLMO33T1U2-GS08
Soft orange
280
470
710
30
600
605
611
30
1.7
2.0
2.5
30
AlInGaP on GaAs
VLMO33T1U2-GS18
Soft orange
280
470
710
30
600
605
611
30
1.7
2.0
2.5
30
AlInGaP on GaAs
VLMO33R2U2-GS08
Soft orange
140
470
710
30
600
605
611
30
1.7
2.0
2.5
30
AlInGaP on GaAs
VLMO33R2U2-GS18
Soft orange
140
470
710
30
600
605
611
30
1.7
2.0
2.5
30
AlInGaP on GaAs
VLMY33T1U2-GS08
Yellow
280
425
710
30
583
588
594
30
1.7
2.0
2.5
30
AlInGaP on GaAs
VLMY33T1U2-GS18
Yellow
280
425
710
30
583
588
594
30
1.7
2.0
2.5
30
AlInGaP on GaAs
VLMY33T2U2-46-GS08
Yellow
355
425
710
30
587
589
594
30
1.7
2.0
2.5
30
AlInGaP on GaAs
VLMY33R2U2-GS08
Yellow
140
425
710
30
583
588
594
30
1.7
2.0
2.5
30
AlInGaP on GaAs
VLMY33R2U2-GS18
Yellow
140
425
710
30
583
588
594
30
1.7
2.0
2.5
30
AlInGaP on GaAs


Similar Part No. - VLM33

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLM33 VISHAY-VLM33 Datasheet
249Kb / 11P
Power SMD LED PLCC-2
24-Sep-2021
VLM33 VISHAY-VLM33 Datasheet
246Kb / 10P
Power SMD LED PLCC-2
19-Sep-2022
VLM33 VISHAY-VLM33_V01 Datasheet
249Kb / 11P
Power SMD LED PLCC-2
24-Sep-2021
VLM33 VISHAY-VLM33_V02 Datasheet
246Kb / 10P
Power SMD LED PLCC-2
19-Sep-2022
More results

Similar Description - VLM33

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMPG33N1P2 VISHAY-VLMPG33N1P2 Datasheet
195Kb / 9P
Power SMD LED PLCC-2
10-Sep-07
VLMS333T2V2-GS08 VISHAY-VLMS333T2V2-GS08 Datasheet
1Mb / 8P
Power SMD LED PLCC-2
30-Apr-13
VLMS333 VISHAY-VLMS333 Datasheet
231Kb / 9P
Power SMD LED PLCC-2
24-Sep-13
VLMS334 VISHAY-VLMS334 Datasheet
266Kb / 8P
Power SMD LED PLCC-2
07-Mar-17
logo
HK TO-GRACE TECHNOLOGY ...
VLMW33S2V1-5K8L-08 TO-GRACE-VLMW33S2V1-5K8L-08 Datasheet
671Kb / 8P
Power SMD LED PLCC-2
VLMK33Q2T1-GS08 TO-GRACE-VLMK33Q2T1-GS08 Datasheet
792Kb / 8P
Power SMD LED PLCC-2
logo
Vishay Siliconix
VLM33 VISHAY-VLM33_V01 Datasheet
249Kb / 11P
Power SMD LED PLCC-2
24-Sep-2021
VLMY333 VISHAY-VLMY333_V01 Datasheet
273Kb / 9P
Power SMD LED PLCC-2
24-Sep-2021
VLMW33 VISHAY-VLMW33_V02 Datasheet
233Kb / 8P
Power SMD LED PLCC-2
26-Sep-2022
VLMY335 VISHAY-VLMY335_V02 Datasheet
261Kb / 9P
Power SMD LED PLCC-2
14-Sep-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com