Electronic Components Datasheet Search
  English  ▼

X  

VLM33 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLM33
Description  Power SMD LED PLCC-2
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLM33 Datasheet(HTML) 3 Page - Vishay Siliconix

  VLM33 Datasheet HTML 1Page - Vishay Siliconix VLM33 Datasheet HTML 2Page - Vishay Siliconix VLM33 Datasheet HTML 3Page - Vishay Siliconix VLM33 Datasheet HTML 4Page - Vishay Siliconix VLM33 Datasheet HTML 5Page - Vishay Siliconix VLM33 Datasheet HTML 6Page - Vishay Siliconix VLM33 Datasheet HTML 7Page - Vishay Siliconix VLM33 Datasheet HTML 8Page - Vishay Siliconix VLM33 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
VLM.33..
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 03-Nov-15
3
Document Number: 81336
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Wavelengths are tested at a current pulse duration of 25 ms.
Note
• Luminous intensity is tested at a current pulse duration of 25 ms
and an accuracy of ± 11 %.
The above type Numbers represent the order groups which
include only a few brightness groups. Only one group will be
shipped on each reel (there will be no mixing of two groups on
each reel).
In order to ensure availability, single brightness groups will not
be orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped
on any one reel.
In order to ensure availability, single wavelength groups will not
be orderable.
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMY33.., YELLOW
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 30 mA
VLMY33T1U2
lV
280
425
710
mcd
VLMY33T2U2-46
lV
355
425
710
mcd
VLMY33R2U2
lV
140
425
710
mcd
Luminous flux/luminous intensity
φV/IV
-3-
mlm/mcd
Dominant wavelength
IF = 30 mA
VLMY33T1U2,
VLMY33R2U2
λd
583
588
594
nm
VLMY33T2U2-46
λd
587
589
594
nm
Peak wavelength
IF = 30 mA
λp
-
590
-
nm
Spectral bandwidth at 50 % Irel max.
IF = 30 mA
Δλ
-18-
nm
Angle of half intensity
IF = 30 mA
ϕ
-± 60
-
deg
Forward voltage
IF = 30 mA
VF
1.7
2.0
2.5
V
Reverse current
VR = 5 V
IR
-0.01
10
μA
COLOR CLASSIFICATION
GROUP
DOMINANT WAVELENGTH (nm)
AMBER
SOFT ORANGE
YELLOW
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
1
611
618
598
601
581
584
2
614
622
600
603
583
586
3
-
-
602
605
585
588
4
-
-
604
607
587
590
5
-
-
606
609
589
592
6
-
-
608
611
591
594
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LUMINOUS INTENSITY (mcd)
STANDARD
OPTIONAL
MIN.
MAX.
P
145
56
256
71
Q
171
90
2
90
112
R
1
112
140
2
140
180
S
1
180
224
2
224
280
T
1
280
355
2
355
450
U
1
450
560
2
560
710
CROSSING TABLE
VISHAY
OSRAM
VLMS33S1T2
LST67B-S1T2
VLMS33S1U1
LST67B-T1U1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com