Electronic Components Datasheet Search
  English  ▼

X  

VLM33 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLM33
Description  Power SMD LED PLCC-2
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLM33 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLM33 Datasheet HTML 1Page - Vishay Siliconix VLM33 Datasheet HTML 2Page - Vishay Siliconix VLM33 Datasheet HTML 3Page - Vishay Siliconix VLM33 Datasheet HTML 4Page - Vishay Siliconix VLM33 Datasheet HTML 5Page - Vishay Siliconix VLM33 Datasheet HTML 6Page - Vishay Siliconix VLM33 Datasheet HTML 7Page - Vishay Siliconix VLM33 Datasheet HTML 8Page - Vishay Siliconix VLM33 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
VLM.33..
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 03-Nov-15
2
Document Number: 81336
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Driving the LED in reverse direction is suitable for a short term application
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
VLM.33..
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage (1)
VR
5V
DC forward current
Tamb
≤ 73 °C (400 K/W)
IF
50
mA
Power dissipation
PV
130
mW
Junction temperature
Tj
+125
°C
Operating temperature range
Tamb
-40 to +100
°C
Storage temperature range
Tstg
-40 to +100
°C
Thermal resistance junction / ambient Mounted on PC board (pad size > 16 mm2)RthJA
400
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMS33.., SUPER RED
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 30 mA
VLMS33S1T2
lV
180
290
450
mcd
VLMS33S1U1
lV
180
290
560
mcd
Luminous flux/luminous intensity
φV/IV
-3-
mlm/mcd
Dominant wavelength
IF = 30 mA
λd
626
630
638
nm
Peak wavelength
IF = 30 mA
λp
-
641
-
nm
Spectral bandwidth at 50 % Irel max.
IF = 30 mA
Δλ
-17-
nm
Angle of half intensity
IF = 30 mA
ϕ
-± 60
-
deg
Forward voltage
IF = 30 mA
VF
1.7
2.0
2.5
V
Reverse current
VR = 5 V
IR
-0.01
10
μA
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMR33.., AMBER
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 30 mA
VLMR33T1U2
lV
280
450
710
mcd
VLMR33R2U2
lV
140
450
710
mcd
Luminous flux/luminous intensity
φV/IV
-3-
mlm/mcd
Dominant wavelength
IF = 30 mA
λd
611
617
622
nm
Peak wavelength
IF = 30 mA
λp
-
624
-
nm
Spectral bandwidth at 50 % Irel max.
IF = 30 mA
Δλ
-18-
nm
Angle of half intensity
IF = 30 mA
ϕ
-± 60
-
deg
Forward voltage
IF = 30 mA
VF
1.7
2.0
2.5
V
Reverse current
VR = 5 V
IR
-0.01
10
μA
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMO33.., SOFT ORANGE
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 30 mA
VLMO33S1T2
lV
180
327
450
mcd
VLMO33T1U2
lV
280
470
710
mcd
VLMO33R2U2
lV
140
470
710
mcd
Luminous flux/luminous intensity
φV/IV
-3-
mlm/mcd
Dominant wavelength
IF = 30 mA
λd
600
605
611
nm
Peak wavelength
IF = 30 mA
λp
-
611
-
nm
Spectral bandwidth at 50 % Irel max.
IF = 30 mA
Δλ
-17-
nm
Angle of half intensity
IF = 30 mA
ϕ
-± 60
-
deg
Forward voltage
IF = 30 mA
VF
1.7
2.0
2.5
V
Reverse current
VR = 5 V
IR
-0.01
10
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com