Electronic Components Datasheet Search
  English  ▼

X  

NE33200 Datasheet(PDF) 2 Page - NEC

Part # NE33200
Description  SUPER LOW NOISE HJ FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE33200 Datasheet(HTML) 2 Page - NEC

  NE33200 Datasheet HTML 1Page - NEC NE33200 Datasheet HTML 2Page - NEC NE33200 Datasheet HTML 3Page - NEC NE33200 Datasheet HTML 4Page - NEC NE33200 Datasheet HTML 5Page - NEC NE33200 Datasheet HTML 6Page - NEC NE33200 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SYMBOLS
PARAMETERS
UNITS
RATINGS
VDS
Drain to Source Voltage
V
4.0
VGS
Gate to Source Voltage
V
-3.0
IDS
Drain Current
mA
IDSS
IGRF
Gate Current
µA
280
PIN
RF Input (CW)
dBm
15
TCH
Channel Temperature
°C
175
TSTG
Storage Temperature
°C
-65 to +175
PT2
Total Power Dissipation
mW
240
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
TYPICAL PERFORMANCE CURVES (TA = 25°C)
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Ambient Temperature, TA (
°C)
FREQ.
NFOPT
GA
ΓOPT
(GHz)
(dB)
(dB)
MAG
ANG
Rn/50
1
0.29
21.3
0.82
8
0.39
2
0.31
18.3
0.81
17
0.36
4
0.35
15.3
0.76
41
0.33
6
0.42
13.5
0.71
63
0.30
8
0.52
12.2
0.64
77
0.27
10
0.63
11.3
0.55
95
0.24
12
0.75
10.5
0.48
112
0.22
14
0.9
9.9
0.41
130
0.19
16
1.05
9.3
0.37
144
0.18
18
1.25
8.8
0.35
164
0.15
20
1.5
8.3
0.37
180
0.13
22
1.8
7.9
0.38
-166
0.11
24
2.2
7.6
0.39
-154
0.10
26
2.6
7.3
0.40
-142
0.08
TYPICAL NOISE PARAMETERS1 (TA = 25°C)
VDS = 2 V, IDS = 10 mA
Note:
1.Operation in excess of any one of these parameters may result in
permanent damage.
2.With chip mounted on infinite heat sink.
Drain Current, IDS (mA)
NOISE FIGURE and GAIN
vs. DRAIN CURRENT
VDS = 2 V, f = 12 GHz
Note:
1.Noise Parameters include Bond Wires:
Gate:
Total 2 wires, 1 per bond pad 0.0129" (327
µm)
long each wire.
Drain:
Total 2 wires, 1 per bond pad 0.0118" (300
µm)
long each wire.
Source: Total 4 wires, 2 per side, 0.0071" (180
µm)
long each wire.
Wire:
0.0007" (17.8
µm) dia. gold.
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
TRANSCONDUCTANCE vs. DRAIN CURRENT
VDS = 2.0 V
Drain to Source Voltage, VDS (V)
Drain Current, IDS (mA)
NE33200
0
0
50
100
150
200
250
50
100 117
150
200
250
Mounted on
Infinite
Heat sink
GA
NF
2.0
1.6
1.2
0.8
0.4
0
0
5
10
15
20
25
30
35
40
6
8
10
12
14
16
Tuned at each IDS
Tuned at 10 mA only
50
40
30
20
10
0
0
0.5
-0.1 V
-0.2 V
-0.3 V
-0.4 V
-0.5 V
1
1.5
2
2.5
3
VGS = 0 V
120
100
80
60
40
20
0
0
10
20
304050



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com