Electronic Components Datasheet Search
  English  ▼

X  

NE33200 Datasheet(PDF) 5 Page - NEC

Part # NE33200
Description  SUPER LOW NOISE HJ FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE33200 Datasheet(HTML) 5 Page - NEC

  NE33200 Datasheet HTML 1Page - NEC NE33200 Datasheet HTML 2Page - NEC NE33200 Datasheet HTML 3Page - NEC NE33200 Datasheet HTML 4Page - NEC NE33200 Datasheet HTML 5Page - NEC NE33200 Datasheet HTML 6Page - NEC NE33200 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MODEL RANGE
Frequency:
0.1 to 26.5 GHz
Bias:
VDS = 2 V, ID = 10, 20 mA
Date:
7/19/96
SCHEMATIC
NE33200
NE33200 LINEAR MODEL
LG
GATE
DRAIN
SOURCE
0.19
0.16
0.22
0.04
0.24
0.2
RG
RI
0.52
RS
0.19
LS
0.03
CDG
CGS
RDS
CDS
0.05
g
t
f= 281GHz
GGS
1E-5
CDC
0.065
RD
LD
Parameter
Units
capacitance
picofarads
inductance
nanohenries
resistance
ohms
conductance
millisiemans
UNITS
Parameters
2 V, 10 mA
2 V, 20 mA
g
73 mS
96 mS
t
2.5 pSec
3.5 pSec
RDS
220 ohms
160 ohms
BIAS DEPENDENT MODEL PARAMETERS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com