Electronic Components Datasheet Search
  English  ▼

X  

NE33200 Datasheet(PDF) 7 Page - NEC

Part # NE33200
Description  SUPER LOW NOISE HJ FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE33200 Datasheet(HTML) 7 Page - NEC

  NE33200 Datasheet HTML 1Page - NEC NE33200 Datasheet HTML 2Page - NEC NE33200 Datasheet HTML 3Page - NEC NE33200 Datasheet HTML 4Page - NEC NE33200 Datasheet HTML 5Page - NEC NE33200 Datasheet HTML 6Page - NEC NE33200 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
CHIP DIMENSIONS (Units in µm)
NE33200 (CHIP)
Chip Thickness: 140
µm typical
Note: All dimensions are typical unless otherwise specified
Notes:
1.S-Parameters include Bond Wires:
Gate:
Total 2 wires, 1 per bond pad 0.0129" (327
µm) long, each wire.
Drain:
Total 2 wires, 1 per bond pad 0.0118" (300
µm) long, each wire.
Source: Total 4 wires, 2 per side, 0.0071" (180
µm) each wire.
Wire:
0.0007" (17.8
µm) dia. gold.
2.Gain Calculations:
MAG = Maximum Available gain
MSG = Maximum Stable Gain
PART NUMBER
IDSS RANGE (mA)
NE33200
Standard (15 - 80)
NE33200N
15 - 50
NE33200M
50 - 80
ORDERING INFORMATION
NE33200
DD
G
G
S
S
45
31
47
25
13
400
±40 mm
120
56
66
56
88
61
350
±35
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG =
|S21|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES
• Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only)
• Internet: http://WWW.CEL.COM
04/12/2001
DATA SUBJECT TO CHANGE WITHOUT NOTICE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com