Electronic Components Datasheet Search
  English  ▼

X  

NE33200 Datasheet(PDF) 3 Page - NEC

Part # NE33200
Description  SUPER LOW NOISE HJ FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE33200 Datasheet(HTML) 3 Page - NEC

  NE33200 Datasheet HTML 1Page - NEC NE33200 Datasheet HTML 2Page - NEC NE33200 Datasheet HTML 3Page - NEC NE33200 Datasheet HTML 4Page - NEC NE33200 Datasheet HTML 5Page - NEC NE33200 Datasheet HTML 6Page - NEC NE33200 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TYPICAL COMMON SOURCE SCATTERING PARAMETERS1 (TA = 25°C)
FREQUENCY
S11
S21
S12
S22
KS21
MAG2
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
(dB)
FREQUENCY
S11
S21
S12
S22
KS21
MAG2
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
(dB)
0.1
.999
-1.8
5.854
178.8
.003
87.5
.631
-1.4
0.2
.999
-3.6
5.850
177.2
.005
86.2
.632
-2.5
0.5
.998
-8.9
5.846
173.5
.011
84.6
.632
-6.1
1.0
.994
-17.7
5.797
167.0
.022
82.0
.628
-12.1
2.0
.974
-34.6
5.614
154.1
.044
71.2
.618
-23.8
3.0
.940
-49.9
5.299
142.1
.063
62.4
.598
-34.9
4.0
.903
-63.2
4.919
131.1
.079
52.5
.578
-43.9
5.0
.861
-75.1
4.512
121.4
.089
46.4
.556
-51.5
6.0
.822
-85.9
4.210
112.5
.099
39.7
.532
-59.1
7.0
.798
-93.2
3.900
105.5
.103
35.2
.528
-60.8
8.0
.750
-102.2
3.642
97.8
.103
27.7
.495
-65.1
9.0
.728
-110.1
3.420
89.9
.104
23.9
.479
-69.1
10.0
.724
-117.8
3.304
83.8
.109
21.9
.468
-74.6
12.0
.722
-132.6
3.045
69.8
.115
14.7
.433
-86.7
14.0
.724
-146.6
2.876
57.2
.120
4.9
.398
-101.2
16.0
.714
-158.3
2.668
46.2
.125
-2.4
.376
-112.4
18.0
.695
-169.5
2.483
35.7
.132
-9.8
.373
-119.5
20.0
.676
-179.4
2.296
26.5
.143
-10.5
.394
-124.8
22.0
.665
168.5
2.115
13.7
.153
-14.9
.401
-130.3
24.0
.648
158.1
1.897
0.4
.163
-17.7
.388
-139.5
26.0
.632
147.8
1.817
-12.1
.167
-19.9
.378
-148.9
26.5
.641
145.0
1.832
-14.3
.168
-18.3
.372
-152.5
0.1
.999
-2.0
7.441
178.7
.002
87.9
.484
-1.1
0.2
.999
-3.9
7.436
177.1
.003
86.5
.483
-2.7
0.5
.997
-9.5
7.422
173.1
.009
84.7
.483
-6.5
1.0
.991
-18.8
7.317
166.4
.017
82.2
.482
-12.8
2.0
.968
-36.6
7.041
153.1
.032
72.3
.472
-24.8
3.0
.929
-52.7
6.570
140.6
.047
63.9
.458
-36.3
4.0
.889
-66.4
6.058
129.9
.059
56.1
.447
-45.3
5.0
.846
-78.7
5.518
120.2
.067
50.5
.431
-52.3
6.0
.805
-89.3
5.083
111.5
.076
44.2
.411
-60.0
7.0
.777
-98.8
4.686
103.6
.083
39.5
.403
-64.1
8.0
.728
-107.8
4.335
96.3
.082
32.5
.375
-67.7
9.0
.709
-115.5
4.046
88.8
.084
30.6
.365
-70.9
10.0
.708
-123.2
3.879
82.9
.089
30.2
.359
-76.6
12.0
.707
-137.7
3.551
69.6
.097
23.8
.333
-89.5
14.0
.710
-151.1
3.293
57.0
.102
15.7
.311
-105.0
16.0
.704
-162.7
3.055
46.0
.110
8.8
.294
-117.1
18.0
.680
-173.2
2.835
35.9
.118
2.4
.300
-124.4
20.0
.667
177.0
2.598
27.1
.134
-0.5
.320
-128.7
22.0
.661
164.9
2.384
15.4
.149
-4.0
.336
-133.8
24.0
.654
153.8
2.141
3.1
.162
-6.8
.327
-141.0
26.0
.639
144.0
2.020
-9.2
.171
-10.4
.310
-150.5
26.5
.641
142.2
2.059
-11.6
.175
-11.7
.308
-156.2
0.06
17.4
35.7
0.04
17.4
33.9
0.04
17.4
29.2
0.04
17.3
26.3
0.09
16.9
23.4
0.16
16.3
21.4
0.23
15.6
20.1
0.31
14.8
19.1
0.38
14.1
18.2
0.44
13.4
17.5
0.59
12.7
17.2
0.65
12.1
16.8
0.63
11.8
16.4
0.64
11.0
15.6
0.65
10.4
15.1
0.67
9.7
14.4
0.71
9.1
13.8
0.69
8.3
12.9
0.67
7.5
12.0
0.70
6.6
11.2
0.75
6.1
10.7
0.72
6.3
10.7
0.05
15.3
32.9
0.04
15.4
30.7
0.02
15.3
27.3
0.00
15.3
24.2
0.04
15.0
21.1
0.09
14.5
19.2
0.17
13.8
17.9
0.23
13.1
17.0
0.29
12.5
16.3
0.35
11.8
15.8
0.48
11.2
15.5
0.55
10.7
15.2
0.54
10.4
14.8
0.56
9.7
14.2
0.57
9.2
13.8
0.61
8.5
13.3
0.66
7.9
12.7
0.66
7.2
12.1
0.68
6.5
11.4
0.75
5.5
10.7
0.79
5.2
10.4
0.76
5.3
10.4
See notes on back page.
NE33200
VDS = 2 V, IDS = 30 mA
VDS = 2 V, IDS = 10 mA
j100
j50
j25
j10
-j100
-j50
-j25
-j10
0
26.5 GHz
S11
.1 GHz
S22
.1 GHz
26.5 GHz
10
50
25
100
+90
˚
+60
˚
+30
˚
+120
˚
-150
˚
-120
˚
-90
˚
-60
˚
-30
˚
0
˚
S21
.1 GHz
S12
.1 GHz
26.5 GHz
+150
˚
26.5 GHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com