Electronic Components Datasheet Search
  English  ▼

X  

HT32F52253 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT32F52253
Description  32-Bit Arm Cortex -M0 Microcontroller, up to 128 KB Flash and 16 KB SRAM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F52253 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT32F52253 Datasheet HTML 9Page - Holtek Semiconductor Inc HT32F52253 Datasheet HTML 10Page - Holtek Semiconductor Inc HT32F52253 Datasheet HTML 11Page - Holtek Semiconductor Inc HT32F52253 Datasheet HTML 12Page - Holtek Semiconductor Inc HT32F52253 Datasheet HTML 13Page - Holtek Semiconductor Inc HT32F52253 Datasheet HTML 14Page - Holtek Semiconductor Inc HT32F52253 Datasheet HTML 15Page - Holtek Semiconductor Inc HT32F52253 Datasheet HTML 16Page - Holtek Semiconductor Inc HT32F52253 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
Rev. 1.00
1� of 44
��to�e� ��� �01�
��-Bit A�m® Co�tex®-M0+ MCU
HT��F5��4�/HT��F5��5�
Universal Synchronous Asynchronous Receiver Transmitter – USART
■
Supports both asynchronous and clocked synchronous serial communication modes
■
Asynchronous operating baud rate up to (fPCLK/16) MHz and synchronous operating rate up to
(fPCLK/8) MHz
■
Full duplex communication
■
Fully programmable serial communication characteristics including:
● Word length: 7, 8 or 9-bit character
● Parity: Even, odd or no-parity bit generation and detection
● Stop bit: 1 or 2 stop bit generation
● Bit order: LSB-first or MSB-first transfer
■
Error detection: Parity, overrun and frame error
■
Auto hardware flow control mode – RTS, CTS
■
IrDA SIR encoder and decoder
■
RS485 mode with output enable control
■
FIFO Depth: 8 × 9 bits for both receiver and transmitter
The Universal Synchronous Asynchronous Receiver Transceiver, USART, provides a flexible full
duplex data exchange using synchronous or asynchronous data transfer. The USART is used to
translate data between parallel and serial interfaces, and is commonly used for RS232 standard
communication. The USART peripheral function supports four types of interrupt including Line
Status Interrupt, Transmitter FIFO Empty Interrupt, Receiver Threshold Level Reaching Interrupt
and Time Out Interrupt. The USART module includes a transmitter FIFO (TX FIFO) and receiver
FIFO (RX FIFO). The software can detect a USART error status by reading the Line Status
Register, LSR. The status includes the type and the condition of transfer operations as well as
several error conditions resulting from Parity, Overrun, Framing and Break events.
Universal Asynchronous Receiver Transmitter – UART
■
Asynchronous serial communication operating baud-rate up to (fPCLK/16) MHz
■
Full duplex communication
■
Fully programmable serial communication characteristics including:
● Word length: 7, 8 or 9-bit character
● Parity: Even, odd or no-parity bit generation and detection
● Stop bit: 1 or 2 stop bit generation
● Bit order: LSB-first or MSB-first transfer
■
Error detection: Parity, overrun and frame error
The Universal Asynchronous Receiver Transceiver, UART, provides a flexible full duplex data
exchange using asynchronous transfer. The UART is used to translate data between parallel and
serial interfaces, and is commonly used for RS232 standard communication. The UART peripheral
function supports Line Status Interrupt. The software can detect a UART error status by reading
the Line Status Register, LSR. The status includes the type and the condition of transfer operations
as well as several error conditions resulting from Parity, Overrun, Framing and Break events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com