Electronic Components Datasheet Search
  English  ▼

X  

HT32F52253 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT32F52253
Description  32-Bit Arm Cortex -M0 Microcontroller, up to 128 KB Flash and 16 KB SRAM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F52253 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT32F52253 Datasheet HTML 16Page - Holtek Semiconductor Inc HT32F52253 Datasheet HTML 17Page - Holtek Semiconductor Inc HT32F52253 Datasheet HTML 18Page - Holtek Semiconductor Inc HT32F52253 Datasheet HTML 19Page - Holtek Semiconductor Inc HT32F52253 Datasheet HTML 20Page - Holtek Semiconductor Inc HT32F52253 Datasheet HTML 21Page - Holtek Semiconductor Inc HT32F52253 Datasheet HTML 22Page - Holtek Semiconductor Inc HT32F52253 Datasheet HTML 23Page - Holtek Semiconductor Inc HT32F52253 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
Rev. 1.00
�0 of 44
��to�e� ��� �01�
��-Bit A�m® Co�tex®-M0+ MCU
HT��F5��4�/HT��F5��5�
Start Address
End Address
Peripheral
Bus
0x4008_0000
0x4008_1FFF
FMC
AHB
0x4008_�000
0x4008_�FFF
Rese�ved
0x4008_8000
0x4008_9FFF
CKCU/RSTCU
0x4008_A000
0x4008_BFFF
CRC
0x4008_C000
0x4008_FFFF
Rese�ved
0x4009_0000
0x4009_1FFF
PDMA_REG
0x4009_�000
0x400A_FFFF
Rese�ved
0x400B_0000
0x400B_1FFF
GPI�A
0x400B_�000
0x400B_�FFF
GPI�B
0x400B_4000
0x400B_5FFF
GPI�C
0x400B_6000
0x400B_�FFF
GPI�D
0x400B_8000
0x400C_9FFF
Rese�ved
0x400C_A000
0x400C_BFFF
DIV
0x400C_C000
0x400F_FFFF
Rese�ved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com