Electronic Components Datasheet Search
  English  ▼

X  

HT32F52253 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT32F52253
Description  32-Bit Arm Cortex -M0 Microcontroller, up to 128 KB Flash and 16 KB SRAM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F52253 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT32F52253 Datasheet HTML 17Page - Holtek Semiconductor Inc HT32F52253 Datasheet HTML 18Page - Holtek Semiconductor Inc HT32F52253 Datasheet HTML 19Page - Holtek Semiconductor Inc HT32F52253 Datasheet HTML 20Page - Holtek Semiconductor Inc HT32F52253 Datasheet HTML 21Page - Holtek Semiconductor Inc HT32F52253 Datasheet HTML 22Page - Holtek Semiconductor Inc HT32F52253 Datasheet HTML 23Page - Holtek Semiconductor Inc HT32F52253 Datasheet HTML 24Page - Holtek Semiconductor Inc HT32F52253 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Rev. 1.00
�1 of 44
��to�e� ��� �01�
��-Bit A�m® Co�tex®-M0+ MCU
HT��F5��4�/HT��F5��5�
Clock Structure
4-16 MHz
HSE XTAL
8 MHz
HSI RC
�� kHz
LSI RC
Legend:
HSE = High Speed Exte�nal �lo�k
HSI = High Speed Inte�nal �lo�k
LSE = Low Speed Exte�nal �lo�k
LSI = Low Speed Inte�nal �lo�k
��.�68 kHz
LSE �SC
WDTSRC
PLLSRC
AHB P�es�ale�
¸ 1���4�8�16���
FCLK
( f�ee �unning �lo�k)
STCLK
(to SysTi�k)
CK_ADC IP
CK_WDT
WDTEN
CK_REF
CK_HSI/16
CK_HSE/16
CK_SYS/16
CK�UT
CK�UTSRC[�:0]
HSEEN
HSIEN
LSEEN(Note1)
LSIEN(Note1)
fCK_SYS,max = 40 MHz
CK_LSI
CK_LSE
CK_AHB/16
CK_HSI
CK_HSE
PCLK (AFI�� ADC�
SPIx� USART� UARTx�
I�Cx� MCTM� GPTM�
SCTMx� BFTMx� EXTI�
WDT� RTC)
PLL
Clo�k
Monito�
PLLEN
CK_LSE
CK_PLL
ADCEN
CK_LSI
HCLKS
( to SRAM)
HCLKF
( to Flash)
CM0PEN
FMCEN
CM0PEN
SRAMEN
1
0
RTCSRC(Note1)
CK_RTC
RTCEN(Note1)
1
0
1
0
000
001
010
011
100
101
110
CK_SYS
SW[�:0]
¸8
HCLKC
( to Co�texTM-M0+)
CM0PEN
(�ont�ol �y HW)
P�es�ale�
¸1 ~ ��
CK_REF
Divide�
¸�
CKREFPR
E
HCLKBM
( to Bus Mat�ix)
CM0PEN
BMEN
HCLKAPB
( to APB B�idge)
CM0PEN
APBEN
CK_CRC
( to CRC)
CRCEN
Pe�iphe�als
Clo�k
P�es�ale�
¸ 1���4�8
ADC
P�es�ale�
¸ 1�����4�8�...
00
01
10
11
PCLK
PCLK/�
PCLK/4
PCLK/8
SPIEN
SCIEN
CK_GPI�
( to GPI� po�t)
GPI�DEN
GPI�AEN
CKREFEN
HSI Auto
T�imming
Cont�olle�
CK_LSE
CKIN
00x
011
010
111
110
CK_DIV
( to DIV)
DIVEN
HCLKD
( to PDMA)
DMAEN
Figure 3. Clock Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com