Electronic Components Datasheet Search
  English  ▼

X  

HT32F52253 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT32F52253
Description  32-Bit Arm Cortex -M0 Microcontroller, up to 128 KB Flash and 16 KB SRAM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F52253 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT32F52253 Datasheet HTML 1Page - Holtek Semiconductor Inc HT32F52253 Datasheet HTML 2Page - Holtek Semiconductor Inc HT32F52253 Datasheet HTML 3Page - Holtek Semiconductor Inc HT32F52253 Datasheet HTML 4Page - Holtek Semiconductor Inc HT32F52253 Datasheet HTML 5Page - Holtek Semiconductor Inc HT32F52253 Datasheet HTML 6Page - Holtek Semiconductor Inc HT32F52253 Datasheet HTML 7Page - Holtek Semiconductor Inc HT32F52253 Datasheet HTML 8Page - Holtek Semiconductor Inc HT32F52253 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
Rev. 1.00
� of 44
��to�e� ��� �01�
��-Bit A�m® Co�tex®-M0+ MCU
HT��F5��4�/HT��F5��5�
�n-Chip LD� Voltage Regulato� Cha�a�te�isti�s................................................................. �9
Powe� Consumption ............................................................................................................ �0
Reset and Supply Monito� Cha�a�te�isti�s........................................................................... �0
Exte�nal Clo�k Cha�a�te�isti�s............................................................................................. �1
Inte�nal Clo�k Cha�a�te�isti�s .............................................................................................. ��
PLL Cha�a�te�isti�s.............................................................................................................. ��
Memo�y Cha�a�te�isti�s ....................................................................................................... ��
I/� Po�t Cha�a�te�isti�s........................................................................................................ �4
ADC Cha�a�te�isti�s ............................................................................................................ �5
SCTM/GPTM/MCTM Cha�a�te�isti�s................................................................................... �6
I�C Cha�a�te�isti�s ............................................................................................................... �6
SPI Cha�a�te�isti�s .............................................................................................................. ��
6 Package Information ............................................................................................ 39
SAW Type ��-pin (4mm×4mm) QFN �utline Dimensions................................................... 40
SAW Type 46-pin (6.5mm×4.5mm) QFN �utline Dimensions............................................. 41
48-pin LQFP (�mm�mm) �utline Dimensions................................................................... 4�
64-pin LQFP (�mm�mm) �utline Dimensions................................................................... 4�



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com