Electronic Components Datasheet Search
  English  ▼

X  

HT66F0176 Datasheet(PDF) 62 Page - Holtek Semiconductor Inc

Part # HT66F0176
Description  A/D Flash MCU with EEPROM
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F0176 Datasheet(HTML) 62 Page - Holtek Semiconductor Inc

Back Button HT66F0176 Datasheet HTML 58Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 59Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 60Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 61Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 62Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 63Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 64Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 65Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 66Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 165 page
background image
Rev. 1.20
62
����st 2�� 201�
Rev. 1.20
63
����st 2�� 201�
HT66F0176
A/D Flash MCU with EEPROM
HT66F0176
A/D Flash MCU with EEPROM
Bit1~0
PCPS1~PCPS0:PC3~PC0sourcecurrentselection
00:sourcecurrent=Level0(min.)
01:sourcecurrent=Level1
10:sourcecurrent=Level2
11:sourcecurrent=Level3(max.)
Pin-remapping Function
Theflexibilityofthemicrocontrollerrangeisgreatlyenhancedbytheuseofpinsthathavemore
thanonefunction.Limitednumbersofpinscanforceseriousdesignconstraintsondesignersbut
bysupplyingpinswithmulti-functions,manyofthesedifficultiescanbeovercome.Thewayin
whichthepinfunctionofeachpinisselectedisdifferentforeachfunctionandapriorityorderis
establishedwheremorethanonepinfunctionisselectedsimultaneously.Additionallytherearetwo
registers,IFS0andIFS1,toestablishcertainpinfunctions.
Thelimitednumberofsuppliedpinsinapackagecanimposerestrictionsontheamountoffunctions
acertaindevicecancontain.Howeverbyallowingthesamepinstoshareseveraldifferentfunctions
andprovidingameansoffunctionselection,awiderangeofdifferentfunctionscanbeincorporated
intoevenrelativelysmallpackagesizes.Ifthepin-sharedpinfunctionhavemultipleoutputs
simultaneously,itspinnamesattherightsideofthe"/"signcanbeusedforhigherpriority.
IFS0 Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
SDOPS SDI_SD�PS SCK_SCLPS SCSBPS INT1PS INT0PS
R/W
—
—
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
—
0
0
0
0
0
0
Bit7~6
Unimplemented,readas"0"
Bit5
SDOPS:SDOpin-remappingselection
0:SDOonPC2
1:SDOonPA2
Bit4
SDI_SDAPS:SDI/SDApin-remappingselection
0:SDI/SDAonPC3
1:SDI/SDAonPA3
Bit3
SCK_SCLPS:SCK/SCLpin-remappingselection
0:SCK/SCLonPC4
1:SCK/SCLonPB6
Bit2
SCSBPS:SCSpin-remappingselection
0:SCSonPA1
1:SCSonPB5
Bit1
INT1PS:INT1pin-remappingselection
0:INT1onPB1
1:INT1onPC5
Bit0
INT0PS:INT0pin-remappingselection
0:INT0onPB0
1:INT0onPC6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com