Electronic Components Datasheet Search
  English  ▼

X  

HT66F0176 Datasheet(PDF) 87 Page - Holtek Semiconductor Inc

Part # HT66F0176
Description  A/D Flash MCU with EEPROM
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F0176 Datasheet(HTML) 87 Page - Holtek Semiconductor Inc

Back Button HT66F0176 Datasheet HTML 83Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 84Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 85Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 86Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 87Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 88Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 89Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 90Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 91Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 165 page
background image
Rev. 1.20
�6
����st 2�� 201�
Rev. 1.20
��
����st 2�� 201�
HT66F0176
A/D Flash MCU with EEPROM
HT66F0176
A/D Flash MCU with EEPROM
• SADC2 Register
Bit
7
6
5
4
3
2
1
0
Name
ENOP�
VBGEN VREFIEN VREFOEN S�VRS3 S�VRS2 S�VRS1 S�VRS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7
ENOPA:A/DconverterOPAfunctionenablecontrol
0:Disable
1:Enable
ThisbitcontrolstheinternalOPAfunctiontoprovidevariousreferencevoltagefor
theA/Dconverter.Whenthebitissethigh,theinternalreferencevoltage,VR,canbe
usedastheinternalconvertedsignalorreferencevoltagebytheA/Dconverter.Ifthe
internalreferencevoltageisnotusedbytheA/Dconverter,thentheOPAfunction
shouldbeproperlyconfiguredtoconservepower.
Bit6
VBGEN:InternalBandgapreferencevoltageenablecontrol
0:Disable
1:Enable
ThisbitcontrolstheinternalBandgapcircuiton/offfunctiontotheA/Dconverter.
Whenthebitissethigh,theBandgapreferencevoltagecanbeusedbytheA/D
converter.IftheBandgapreferencevoltageisnotusedbytheA/Dconverterand
theLVDorLVRfunctionisdisabled,thenthebandgapreferencecircuitwillbe
automaticallyswitchedofftoconservepower.WhentheBandgapreferencevoltage
isswitchedonforusebytheA/Dconverter,atime,tBGS,shouldbeallowedforthe
BandgapcircuittostabilisebeforeimplementinganA/Dconversion.
Bit5
VREFIEN:VREFpinselectionbit
0:Disable–VREFpinisnotselected
1:Enable–VREFpinisselected
Bit4
VREFOEN:VREFOpinselectionbit
0:Disable–VREFOpinisnotselected
1:Enable–VREFOpinisselected
Bit3~0
SAVRS3~SAVRS0:A/DConverterreferencevoltageselect
0000:VDD
0001:VREF
0010:VREF×2
0011:VREF×3
0100:VREF×4
1001:Reserved,cannotbeused
1010:VBG×2
1011:VBG×3
1100:VBG×4
Others:VDD
WhentheA/Dconverterreferencevoltagesourceisselectedtoderivefromthe
internalVBGvoltage,thereferencevoltagewhichcomesfromtheexternalVDDor
VREFpinwillbeautomaticallyswitchedoff.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com