Electronic Components Datasheet Search
  English  ▼

X  

SCA-3 Datasheet(PDF) 4 Page - Stanford Microdevices

Part # SCA-3
Description  DC-5 GHZ CASCADABLE GAAS HBT MMIC AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices

SCA-3 Datasheet(HTML) 4 Page - Stanford Microdevices

  SCA-3 Datasheet HTML 1Page - Stanford Microdevices SCA-3 Datasheet HTML 2Page - Stanford Microdevices SCA-3 Datasheet HTML 3Page - Stanford Microdevices SCA-3 Datasheet HTML 4Page - Stanford Microdevices SCA-3 Datasheet HTML 5Page - Stanford Microdevices SCA-3 Datasheet HTML 6Page - Stanford Microdevices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
http://www.stanfordmicro.com
Phone: (800) SMI-MMIC
522 Almanor Ave., Sunnyvale, CA 94085
Preliminary
EDS-101392 Rev A
SCA-3 DC-5GHz Cascadable MMIC Amplifier
Preliminary
#
n
i
Pn
o
it
c
n
u
Fn
o
it
p
i
r
c
s
e
D
1
N
I
F
R
r
o
ti
c
a
p
a
c
g
n
i
k
c
o
l
b
C
D
l
a
n
r
e
t
x
e
n
a
f
o
e
s
u
e
h
t
s
e
ri
u
q
e
r
n
i
p
s
i
h
T
.
n
i
p
t
u
p
n
i
F
R
.
n
o
it
a
r
e
p
o
f
o
y
c
n
e
u
q
e
rf
e
h
t
r
o
f
n
e
s
o
h
c
2
D
N
G
d
a
e
l
e
c
u
d
e
r
o
t
e
c
n
a
m
r
o
fr
e
p
t
s
e
b
r
o
f
s
e
l
o
h
a
i
v
e
s
U
.
d
n
u
o
r
g
o
t
n
o
it
c
e
n
n
o
C
.
e
l
b
i
s
s
o
p
s
a
s
d
a
e
l
d
n
u
o
r
g
o
t
e
s
o
l
c
s
a
s
a
i
v
e
c
a
l
P
.
e
c
n
a
t
c
u
d
n
i
3
c
c
V
/
T
U
O
F
R
l
a
n
r
e
t
x
e
n
a
h
g
u
o
r
h
t
n
i
p
s
i
h
t
o
t
d
e
il
p
p
u
s
e
b
d
l
u
o
h
s
s
a
i
B
.
n
i
p
s
a
i
b
d
n
a
t
u
p
t
u
o
F
R
s
i
h
t
n
o
t
n
e
s
e
r
p
s
i
g
n
i
s
a
i
b
C
D
e
s
u
a
c
e
B
.r
o
t
c
u
d
n
i
e
k
o
h
c
F
R
d
n
a
r
o
t
s
i
s
e
r
s
e
ir
e
s
e
e
s
(
s
n
o
it
a
c
il
p
p
a
t
s
o
m
n
i
d
e
s
u
e
b
d
l
u
o
h
s
r
o
ti
c
a
p
a
c
g
n
i
k
c
o
l
b
C
D
a
,
n
i
p
ll
e
w
e
b
d
l
u
o
h
s
k
r
o
w
t
e
n
s
a
i
b
e
h
t
f
o
e
d
i
s
y
l
p
p
u
s
e
h
T
.)
c
it
a
m
e
h
c
s
n
o
it
a
c
il
p
p
a
.
d
e
s
s
a
p
y
b
4
D
N
G.
2
n
i
P
s
a
e
m
a
S
Rbias
68pF
22nH
1uF
22pF
68pF
50 ohm
microstrip
50 ohm
microstrip
VS
Application Schematic for Operation at 850 MHz
Application Schematic for Operation at 1950 MHz
Rbias
100pF
33nH
1uF
68pF
100pF
50 ohm
microstrip
50 ohm
microstrip
VS
1
2
3
4
1
2
3
4
s
e
u
l
a
V
r
o
t
s
i
s
e
R
s
a
i
B
d
e
d
n
e
m
m
o
c
e
R
)
s
V
(
e
g
a
tl
o
V
y
l
p
p
u
SV
8V
9V
2
1V
5
1
)
s
m
h
O
(
s
a
i
b
R
A
m
5
6
@
7
42
60
1
10
6
1
)
s
m
h
O
(
s
a
i
b
R
A
m
0
8
@
9
31
51
90
3
1
)
s
m
h
O
(
s
a
i
b
R
A
m
0
0
1
@
0
33
48
60
0
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com