Electronic Components Datasheet Search
  English  ▼

X  

SCA-3 Datasheet(PDF) 1 Page - Stanford Microdevices

Part # SCA-3
Description  DC-5 GHZ CASCADABLE GAAS HBT MMIC AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices

SCA-3 Datasheet(HTML) 1 Page - Stanford Microdevices

  SCA-3 Datasheet HTML 1Page - Stanford Microdevices SCA-3 Datasheet HTML 2Page - Stanford Microdevices SCA-3 Datasheet HTML 3Page - Stanford Microdevices SCA-3 Datasheet HTML 4Page - Stanford Microdevices SCA-3 Datasheet HTML 5Page - Stanford Microdevices SCA-3 Datasheet HTML 6Page - Stanford Microdevices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or omissions.
Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford
Microdevices product for use in life-support devices and/or systems.
Copyright 2000 Stanford Microdevices, Inc. All worldwide rights reserved.
1
http://www.stanfordmicro.com
Phone: (800) SMI-MMIC
522 Almanor Ave., Sunnyvale, CA 94085
EDS-101392 Rev A
Preliminary
Preliminary
Product Description
10
11
12
13
14
15
16
012
34
56
Stanford Microdevices’ SCA-3 is a high performance Gallium
Arsenide Heterojunction Bipolar Transistor MMIC Amplifier. A
Darlington configuration is utilized for broadband performance
up to 5GHz. The heterojunction increases breakdown voltage
and minimizes leakage current between junctions. Cancellation
of emitter junction non-linearities results in higher suppression of
intermodulation products. Typical IP3 at 850 MHz with 65mA is
32.8 dBm.
These unconditionally stable amplifiers provide 13.7 dB of gain
and 17.3 dBm of 1dB compressed power and require only a
single positive voltage supply. Only 2 DC-blocking capacitors,
a bias resistor and an optional inductor are needed for
operation. This MMIC is an ideal choice for wireless applica-
tions such as cellular, PCS, CDPD, wireless data and SONET.
SCA-3
DC-5 GHz, Cascadable
GaAs HBT MMIC Amplifier
NGA-489 Recommended for New Designs
Product Features
•High Output IP3: 32.8 dBm @ 850 MHz
• Cascadable 50 Ohm Gain Block
• Patented GaAs HBT Technology
• Operates From Single Supply
Applications
• Cellular, PCS, CDPD, Wireless Data, SONET
Electrical Specifications
GHz
l
o
b
m
y
S
:
s
n
o
it
i
d
n
o
C
t
s
e
T
:
s
r
e
t
e
m
a
r
a
P
Z
0
I
,
s
m
h
O
0
5
=
D
C
°
5
2
=
T
,
A
m
5
6
=
s
ti
n
U
.
n
i
M
.
p
y
T
.
x
a
M
P
B
d
1
n
o
i
s
s
e
r
p
m
o
C
B
d
1
t
a
r
e
w
o
P
t
u
p
t
u
O
z
H
M
0
5
8
=
f
z
H
M
0
5
9
1
=
f
z
H
M
0
0
4
2
=
f
m
B
d
m
B
d
m
B
d
3
.
7
1
6
.
7
1
4
.
7
1
P
I
3
t
n
i
o
P
t
p
e
c
r
e
t
n
I
r
e
d
r
O
d
ri
h
T
m
B
d
0
=
e
n
o
t
r
e
p
t
u
o
r
e
w
o
P
z
H
M
0
5
8
=
f
z
H
M
0
5
9
1
=
f
z
H
M
0
0
4
2
=
f
m
B
d
m
B
d
m
B
d
8
.
9
28
.
2
3
3
.
0
3
1
.
9
2
S
1
2
n
i
a
G
l
a
n
g
i
S
ll
a
m
S
z
H
M
0
5
8
=
f
z
H
M
0
5
9
1
=
f
z
H
M
0
0
4
2
=
f
B
d
B
d
B
d
3
.
2
17
.
3
1
6
.
3
1
6
.
3
1
h
t
d
i
w
d
n
a
BS
y
b
d
e
n
i
m
r
e
t
e
D
(
1
1
S
,
2
2
)
s
e
u
l
a
Vz
H
M0
0
0
5
S
1
1
R
W
S
V
t
u
p
n
Iz
H
M
0
0
0
5
-
C
D
=
f-
1
:
7
.
1
S
2
2
R
W
S
V
t
u
p
t
u
Oz
H
M
0
0
0
5
-
C
D
=
f-
1
:
5
.
1
S
2
1
n
o
it
a
l
o
s
I
e
s
r
e
v
e
R
z
H
M
0
5
8
=
f
z
H
M
0
5
9
1
=
f
z
H
M
0
0
4
2
=
f
B
d
B
d
B
d
3
.
8
1
4
.
8
1
4
.
8
1
F
NZ
,
e
r
u
g
i
F
e
s
i
o
N
S
s
m
h
O
0
5
=z
H
M
0
5
9
1
=
fB
d6
.
5
V
D
e
g
a
tl
o
V
e
c
i
v
e
DV
4
.
49
.
44
.
5
l-
j,
h
t
R)
d
a
e
l
-
n
o
it
c
n
u
j(
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
o
W
/
C4
2
2
dB
Small Signal Gain vs. Frequency @ I
D=65mA
Frequency (GHz)


Similar Part No. - SCA-3

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SCA-3-11 MINI-SCA-3-11 Datasheet
126Kb / 1P
Power Splitter/Combiner 3 Way-0째 50??100 to 940 MHz
logo
Eravant
SCA-30-2M2F-S9 ERAVANT-SCA-30-2M2F-S9 Datasheet
240Kb / 2P
2.4 mm Coaxial Fixed Attenuator, 30 dB Attenuation
Rev. 1.0
SCA-30-2M2F-SD ERAVANT-SCA-30-2M2F-SD Datasheet
343Kb / 3P
2.4 mm Coaxial Fixed Attenuator, 30 dB Attenuation
Rev 1.0
SCA-30-2M2F-SD-40 ERAVANT-SCA-30-2M2F-SD-40 Datasheet
275Kb / 2P
2.4 mm Coaxial Fixed Attenuator, 30 dB Attenuation, 10 W
Rev 1.0
SCA-30-3M3F-S2 ERAVANT-SCA-30-3M3F-S2 Datasheet
242Kb / 2P
3.5 mm Coaxial Fixed Attenuator, 30 dB Attenuation
More results

Similar Description - SCA-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SBA-4089 ETC-SBA-4089 Datasheet
685Kb / 5P
DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
SBA-5089 ETC-SBA-5089 Datasheet
681Kb / 5P
DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
SNA-586 ETC-SNA-586 Datasheet
351Kb / 6P
DC-5 GHz, Cascadable GaAs HBT MMIC Amplifier
logo
Stanford Microdevices
NGA-486 STANFORD-NGA-486 Datasheet
271Kb / 4P
DC-5 GHz, Cascadable InGap/GaAS HBT MMIC Amplifier
logo
List of Unclassifed Man...
SBA-4086 ETC1-SBA-4086 Datasheet
281Kb / 5P
DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SBA-5086 SIRENZA-SBA-5086 Datasheet
284Kb / 5P
DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
NGA-486 SIRENZA-NGA-486 Datasheet
391Kb / 5P
DC-5 GHz, Cascadable InGap/GaAS HBT MMIC Amplifier
SBA-4086 SIRENZA-SBA-4086 Datasheet
281Kb / 5P
DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
SBA-4089 SIRENZA-SBA-4089 Datasheet
314Kb / 5P
DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
SBA-5089 SIRENZA-SBA-5089 Datasheet
309Kb / 5P
DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com