Electronic Components Datasheet Search
  English  ▼

X  

SCA-3 Datasheet(PDF) 6 Page - Stanford Microdevices

Part # SCA-3
Description  DC-5 GHZ CASCADABLE GAAS HBT MMIC AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices

SCA-3 Datasheet(HTML) 6 Page - Stanford Microdevices

  SCA-3 Datasheet HTML 1Page - Stanford Microdevices SCA-3 Datasheet HTML 2Page - Stanford Microdevices SCA-3 Datasheet HTML 3Page - Stanford Microdevices SCA-3 Datasheet HTML 4Page - Stanford Microdevices SCA-3 Datasheet HTML 5Page - Stanford Microdevices SCA-3 Datasheet HTML 6Page - Stanford Microdevices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
http://www.stanfordmicro.com
Phone: (800) SMI-MMIC
522 Almanor Ave., Sunnyvale, CA 94085
Preliminary
EDS-101392 Rev A
SCA-3 DC-5GHz Cascadable MMIC Amplifier
Preliminary
Mounting Instructions
The data shown was taken on a 31 mil thick FR-4 board with
1 ounce of copper on both sides.
The board was mounted to a baseplate with 3 screws as
shown. The screws bring the top side copper temperature to
the same value as the baseplate.
1. Use 1 or 2 ounce copper, if possible.
2. Solder the copper pad on the backside of the device
package to the ground plane.
3. Use a large ground pad area with many plated through-
holes as shown.
4. If possible, use at least one screw no more than 0.2 inch
from the device package to provide a low thermal resistance
path to the baseplate of the package.
5. Thermal resistance from ground lead to screws is
2 deg. C/W.
1
2
3
4
r
e
b
m
u
N
t
r
a
Pe
z
i
S
l
e
e
Rl
e
e
R
/
s
e
c
i
v
e
D
3
-
A
C
S"
70
0
0
1
Part Number Ordering Information
Caution: ESD Sensitive
Appropriate precautions in handling, packaging and
testing devices must be observed.
PCB Pad Layout
Part Symbolization
The part will be symbolized with a “C3” designator on
the top surface of the package.
Outline Drawing



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com