Electronic Components Datasheet Search
  English  ▼

X  

SCA-3 Datasheet(PDF) 5 Page - Stanford Microdevices

Part # SCA-3
Description  DC-5 GHZ CASCADABLE GAAS HBT MMIC AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices

SCA-3 Datasheet(HTML) 5 Page - Stanford Microdevices

  SCA-3 Datasheet HTML 1Page - Stanford Microdevices SCA-3 Datasheet HTML 2Page - Stanford Microdevices SCA-3 Datasheet HTML 3Page - Stanford Microdevices SCA-3 Datasheet HTML 4Page - Stanford Microdevices SCA-3 Datasheet HTML 5Page - Stanford Microdevices SCA-3 Datasheet HTML 6Page - Stanford Microdevices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
http://www.stanfordmicro.com
Phone: (800) SMI-MMIC
522 Almanor Ave., Sunnyvale, CA 94085
EDS-101392 Rev A
Preliminary
SCA-3 DC-5GHz Cascadable MMIC Amplifier
Preliminary
-30
-25
-20
-15
-10
-5
0
01
2
3
456
-30
-25
-20
-15
-10
012
34
56
-30
-25
-20
-15
-10
-5
0
012
3456
10
11
12
13
14
15
16
01
2
3
4
5
6
S21, I
D=65mA, T=25°C
dB
Frequency GHz
dB
dB
dB
Frequency GHz
S12, I
D=65mA, T=25°C
S22, I
D=65mA, T=25°C
Frequency GHz
Frequency GHz
S11, I
D=65mA, T=25°C
S11, I
D=65mA, Ta=25°C
S22, I
D=65mA, Ta=25°C
Freq. Min = 0.05 GHz
Freq. Max = 6.0 GHz
Freq. Min = 0.05 GHz
Freq. Max = 6.0 GHz
F = 6.0 GHz
F = 6.0 GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com