Electronic Components Datasheet Search
  English  ▼

X  

MA600ERUI Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MA600ERUI
Description  Wide 4:1 Input, 6W, High Isolation, DIP DC/DC Con vert ers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MA600ERUI Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MA600ERUI Datasheet HTML 1Page - MicroPower Direct, LLC MA600ERUI Datasheet HTML 2Page - MicroPower Direct, LLC MA600ERUI Datasheet HTML 3Page - MicroPower Direct, LLC MA600ERUI Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model Selection Guide
www.micropowerdirect.com
Notes:
1. When measuring output ripple & noise, it is recommended that an external capacitor (1 µF to 10 µF)
be placed from the +VOUT to the -VOUT pins.
2. Transient recovery is measured to within a 1% error band for a load step change of 25%.
3. Short circuit protection is provided by a “hiccup mode” circuit.
4. All units are rated for EN 55022 (CE/RE) class A without external components. They will meet class
B with the addition of the DCFM-0x (or a similar discrete filter circuit as shown on page 3). Contact
the factory for more information.
5. To meet the requirements of EN 61000-4-4 (±2 kV), external components are needed, as shown
on page 3. With the addition of the DCFM-0x, EN 61000-4-4 (±4 kV) can be achieved. Contact
the factory for more information.
6. To meet the requirements of EN 61000-4-5 (±2 kV), external components are needed. This can be
done discretely (as shown on page 3), or with the addition of the DCFM-0x. Contact the factory for
more information.
7. These units should not be operated with a load under 5% of full load. Operation at no-load will not
damage the unit, but they may not meet all specifications.
9. It is recommended that a fuse be used on the input of a power supply for protection. See the Model
Selection table above for the correct rating.
Model
Number
Input
Output
Efficiency
(%, Typ)
Reflected
Ripple
Current
(mA Typ)
Capacitive
Load
(µF, Max)
Fuse
Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MA624S-05ERUI
24
9.0 - 36.0
301
12
5.0
1,200
60
83
20.0
2,200
2,000
MA624S-12ERUI
24
9.0 - 36.0
287
12
12.0
500
25
87
20.0
680
2,000
MA624S-15ERUI
24
9.0 - 36.0
284
12
15.0
400
20
88
20.0
680
2,000
MA624S-24ERUI
24
9.0 - 36.0
287
12
24.0
250
12
87
20.0
680
2,000
MA648S-05ERUI
48
18.0 - 75.0
151
3
5.0
1,200
60
83
20.0
2,200
1,000
MA648S-12ERUI
48
18.0 - 75.0
143
3
12.0
500
25
87
20.0
680
1,000
MA648S-15ERUI
48
18.0 - 75.0
142
3
15.0
400
20
88
20.0
680
1,000
MA648S-24ERUI
48
18.0 - 75.0
143
3
24.0
250
12
87
20.0
680
1,000
Efficiency vs Output Load 24 VDC Input
Efficiency vs Input Voltage 24 VDC Input
Efficiency vs Input Voltage 48 VDC Input
Efficiency vs Output Load 48 VDC Input
Derating Curve
292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com