Electronic Components Datasheet Search
  English  ▼

X  

MA600ERUI Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MA600ERUI
Description  Wide 4:1 Input, 6W, High Isolation, DIP DC/DC Con vert ers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MA600ERUI Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MA600ERUI Datasheet HTML 1Page - MicroPower Direct, LLC MA600ERUI Datasheet HTML 2Page - MicroPower Direct, LLC MA600ERUI Datasheet HTML 3Page - MicroPower Direct, LLC MA600ERUI Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Key Features:
6W Output Power
4:1 Input Voltage Range
3,000 VDC Isolation
Eight Standard Models
Efficiency to 88%
Compact DIP Case
-40°C to +85°C Operation
Industry Standard Pin-Out
Low Cost
MA600ERUI
Wide 4:1 Input, 6W,
High Isolation, DIP
DC/DC Converters
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
24 VDC Input
9.0
24.0
36.0
VDC
48 VDC Input
18.0
48.0
75.0
Input Start Voltage
24 VDC Input
9.0
VDC
48 VDC Input
18.0
Input Filter
(Pi) Filter
No Load Input Power
0.2
0.5
W
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
IOUT = 5% to 100%
±1.0
±2.0
%
Line Regulation
VIN = Min to Max
±0.2
±0.5
%
Load Regulation
IOUT = 5% to 100%
±0.5
±1.0
%
Ripple (20 MHz)
See Note 1
15
30
mV P - P
Noise (20 MHz), See Note 1
24 VDC Input
65
100
mV P - P
48 VDC Input
85
150
Transient Recovery Time, See Note 2
25% Load Step Change
300
500
µSec
Transient Response Deviation
±3.0
±5.0
%
Temperature Coefficient
±0.03
%/°C
Output Over Voltage Protection
110
120
140
%
Output Short Circuit, See Note 3
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
3,000
VDC
Isolation Resistance
500 VDC
1,000
M
Isolation Capacitance
100 kHz/0.1V
120
pF
Switching Frequency
330
kHz
EMI Characteristics
Parameter
Standard
Level
Radiated Emissions
See Note 4
EN 55022
Class A
Conducted Emissions
See Note 4
EN 55022
Class A
ESD
EN 61000-4-2
Criteria B; ±4 kV Contact
RS
EN 61000-4-3
Criteria A; 10V/m
EFT
See Note 5
EN 61000-4-4
Criteria B; ±2 kV
See Note 5
EN 61000-4-4
Criteria B; ±4 kV
Surge
See Note 6
EN 61000-4-5
Criteria B; ±2 kV
CS
EN 61000-4-6
Criteria A; 3 Vrms
Voltage Dips
EN 61000-4-29
Criteria B; 0% - 70%
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
°C
Operating Temperature Range
Case
+105
°C
Storage Temperature Range
-55
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
1.244 x 0.799 x 0.402 Inches (31.60 x 20.30 x 10.20 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.46 Oz (13g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
1.0
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
24 VDC Input
-0.7
50.0
VDC
48 VDC Input
-0.7
100.0
Lead Temperature
1.5 mm From Case for 10 Sec
300
°C
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Series


Similar Part No. - MA600ERUI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MA600ERU MPD-MA600ERU Datasheet
901Kb / 4P
4:1 Input, 6W DIP, Single & Dual Output DC/DC Con vert ers
More results

Similar Description - MA600ERUI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MA600ERU MPD-MA600ERU Datasheet
901Kb / 4P
4:1 Input, 6W DIP, Single & Dual Output DC/DC Con vert ers
MA600MRWRI5 MPD-MA600MRWRI5 Datasheet
408Kb / 3P
EN 60601 Approved 2:1 Input, DIP, 6W DC/DC Con vert ers
MD600XRWI MPD-MD600XRWI Datasheet
840Kb / 4P
2:1 Input, SIP, High Isolation, 6W DC/DC Con vert ers
MF3000ERW MPD-MF3000ERW Datasheet
840Kb / 4P
Wide 4:1 Input, 30W Single & Dual Output DC/DC Con vert ers
MF3000TERU MPD-MF3000TERU Datasheet
1Mb / 4P
Wide 4:1 Input 30W Triple Output DC/DC Con vert ers
MG600RU MPD-MG600RU Datasheet
462Kb / 2P
Compact, 6W 4:1 Input, MiniDIP DC/DC Con vert ers
MR08XXRUI MPD-MR08XXRUI Datasheet
569Kb / 2P
Ultra-Wide Input, 8W Compact DIP, Railway DC/DC Con vert ers
MA300ERU MPD-MA300ERU Datasheet
1Mb / 4P
Wide 4:1 Input, 3W Single Output DIP DC/DC Con vert ers
MA300MRURI4 MPD-MA300MRURI4 Datasheet
366Kb / 3P
EN 60601 Approved 4:1 Input, 3W DIP, DC/DC Con vert ers
ML300RU MPD-ML300RU Datasheet
687Kb / 2P
Ultra-Compact, 3W Wide 4:1 Input, SMT DC/DC Con vert ers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com