Electronic Components Datasheet Search
  English  ▼

X  

MA600ERUI Datasheet(PDF) 4 Page - MicroPower Direct, LLC

Part # MA600ERUI
Description  Wide 4:1 Input, 6W, High Isolation, DIP DC/DC Con vert ers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MA600ERUI Datasheet(HTML) 4 Page - MicroPower Direct, LLC

  MA600ERUI Datasheet HTML 1Page - MicroPower Direct, LLC MA600ERUI Datasheet HTML 2Page - MicroPower Direct, LLC MA600ERUI Datasheet HTML 3Page - MicroPower Direct, LLC MA600ERUI Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.micropowerdirect.com
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.02 (±0.50)
Pin 1 is marked by a “dot” or indentation on the top of the unit
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.02 (±0.50)
Pin 1 is marked by a “dot” or indentation on the top of the unit
Mechanical Dimensions
Pin
Single Output
2-Vin
3-Vin
11
No Connection
14
+Vout
16
-Vout
22
+Vin
23
+Vin
Pin Connections
Packing Tube Dimensions
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Notes:
Tube length equals 20.866 (530), unit quantity equals 15 pcs.
Tube length equals 8.661 (220), unit quantity equals 6 pcs.
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.02 (±0.50)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com