Electronic Components Datasheet Search
  English  ▼

X  

MA600ERUI Datasheet(PDF) 3 Page - MicroPower Direct, LLC

Part # MA600ERUI
Description  Wide 4:1 Input, 6W, High Isolation, DIP DC/DC Con vert ers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MA600ERUI Datasheet(HTML) 3 Page - MicroPower Direct, LLC

  MA600ERUI Datasheet HTML 1Page - MicroPower Direct, LLC MA600ERUI Datasheet HTML 2Page - MicroPower Direct, LLC MA600ERUI Datasheet HTML 3Page - MicroPower Direct, LLC MA600ERUI Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.micropowerdirect.com
Typical Connection
The diagram above illustrates a typical connection of the MA600ERUI series
for applications that require meeting EMC standards. The units do not require
external components to operate as specified. Some notes on this diagram
(starting with the input circuit) are:
1. It is recommended that an external fuse be used.The recommended fuse is
shown in the model chart on page 2.
2. An external MOV is recommended on the input to protect the unit in the event
of a surge. A recommended value is given in the table at right.
3. An external TVS is recommended on the input to protect the unit in the event
of a voltage spike. A recommended value is given in the table at right.
4. The output filtering capacitor (C4) is a low ESR electrolytic capacitor. Care
must be taken in choosing this capacitor not to exceed the capacitive load
specification for the unit. Voltage derating of capacitors should be 80% or
above.
Typical Board Layout: With External Filter/Surge Components
5. Recommended values for components are:
Component
24 VIN
48 VIN
MOV
S14K35
S14K60
LDM
56 µH
56 µH
TVS
SMCJ48A
SMCJ90A
C1
330 µF/50V
330 µF/100V
C2, C3
2.2 µF/50V
2.2 µF/100V
LCM
2.2 mH
2.2 mH
C4
10 µF
10 µF
Typical Connection: With DCFM-0x ISurge Suppression and Filter Module
6. The drawing below shows a suggested board layout for the
EMC/EMI circuit shown above. Filtering capacitor (C4) is a
low ESR resistance electrolytic capacitor. Care must be taken
in choosing this capacitor not to exceed the capacitive load
specification for the unit.
7. In many applications simply adding input/output capaci-
tors will enhance the input surge protection and reduce
output ripple sufficiently. Typically, the value of the input
capacitor should be > 330 µF. The output capacitor
would be 10 µF.
Input noise and surge suppression modules are available for a number
of MPD DC/DC power supplies. An MA600ERUI connection with the
DCFM-02 (noise suppression) module connected to the input is
shown below.
The recommended input capacitor (C1) is a 33
0 µF/50V for 24 VDC
input models and 330 µF/100V for 48 VDC input units. The
output capacitor would be 10 µF.
For pricing or full technical information on these modules (DCFM-01,
DCFM-02 and DCFM-03) please contact the factory.
MicroPower Direct 292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com