Electronic Components Datasheet Search
  English  ▼

X  

XC6192 Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC6192
Description  Power saving Push Button Load switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6192 Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6192 Datasheet HTML 5Page - Torex Semiconductor XC6192 Datasheet HTML 6Page - Torex Semiconductor XC6192 Datasheet HTML 7Page - Torex Semiconductor XC6192 Datasheet HTML 8Page - Torex Semiconductor XC6192 Datasheet HTML 9Page - Torex Semiconductor XC6192 Datasheet HTML 10Page - Torex Semiconductor XC6192 Datasheet HTML 11Page - Torex Semiconductor XC6192 Datasheet HTML 12Page - Torex Semiconductor XC6192 Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9/28
XC6192
Series
SW Circuit
SHDN Circuit
VREF
POR
OSC
Turn‐On Delay 
Counter
Turn‐Off Delay 
Counter
VREF2
POR2
Inrush Current Limit
Short Circuit Protect
Gate Slope
To various circuit
From SHDN Circuit
From SHDN Circuit
Type Select
TEST Circuit
PM1
PM2
NM1
VOUT
PG
TEST
VSS
VIN
SW
SHDN
NM2
R1
R2
R3
VIN
SW
VSS
PG
SHDN
PMIC or LDO
or
DC/DC
EN
VDD
XC6192
VOUT
VIN
MCU
Other
Battery
CL=0.1μF
VOUT
I/O
TEST
R2
CIN=0.1μF
R3
Push Button
R1
I/O
SBD
■OPERATIONAL EXPLANATION
The XC6192 series A type fixes VOUT at “H” voltage (same level as the VIN pin voltage) when “L” voltage is
input the required time into the SW pin, and shuts down VOUT (same level as GND) when “L” voltage is
subsequently input the required time into the SW pin, thereby realizing alternating ON/OFF control(*1). Two
shutdown methods are available: inputting “H” voltage into the SHDN pin, and inputting “L” voltage the
required time into the SW pin.
(*1) Alternating ON/OFF control on this IC is a system that alternates between VOUT “H” voltage and shutdown each time “L” voltage is
input the required time into the SW pin.
The B type fixes VOUT at “H” voltage when “L” voltage is input the required time into the SW pin. After VOUT
is fixed at “H” voltage, the signal is not accepted if “L” voltage is subsequently input into the SW pin. The
shutdown method is inputting “H” voltage into the SHDN pin.
As protective functions, the XC6192 series is equipped with a rush current prevention circuit and a
short-circuit protection circuit.
Fig.1 XC6192A Block diagram
Fig.2 XC6192 Series Typical application circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com