Electronic Components Datasheet Search
  English  ▼

X  

XC6192 Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XC6192
Description  Power saving Push Button Load switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6192 Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XC6192 Datasheet HTML 15Page - Torex Semiconductor XC6192 Datasheet HTML 16Page - Torex Semiconductor XC6192 Datasheet HTML 17Page - Torex Semiconductor XC6192 Datasheet HTML 18Page - Torex Semiconductor XC6192 Datasheet HTML 19Page - Torex Semiconductor XC6192 Datasheet HTML 20Page - Torex Semiconductor XC6192 Datasheet HTML 21Page - Torex Semiconductor XC6192 Datasheet HTML 22Page - Torex Semiconductor XC6192 Datasheet HTML 23Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
19/28
XC6192
Series
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(7) Turn-On Delay Time vs. Ambient Temperature
0.40
0.45
0.50
0.55
0.60
-50
-25
0
255075
100
125
Ambient Temperature : Ta [℃]
XC6192xAxx
VIN=3.7V, VSW=VIN->0V
CIN=0.1uF, CL=0.1uF
0.80
0.90
1.00
1.10
1.20
-50
-25
0
25
50
75
100
125
Ambient Temperature : Ta [℃]
XC6192x1xx
VIN=3.7V, VSW=VIN->0V
CIN=0.1uF, CL=0.1uF
2.40
2.70
3.00
3.30
3.60
-50
-25
0
255075
100
125
Ambient Temperature : Ta [℃]
XC6192x3xx
VIN=3.7V, VSW=VIN->0V
CIN=0.1uF, CL=0.1uF
4.00
4.50
5.00
5.50
6.00
-50
-25
0
25
50
75
100
125
Ambient Temperature : Ta [℃]
XC6192x5xx
VIN=3.7V, VSW=VIN->0V
CIN=0.1uF, CL=0.1uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com