Electronic Components Datasheet Search
  English  ▼

X  

XC6192 Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC6192
Description  Power saving Push Button Load switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6192 Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC6192 Datasheet HTML 17Page - Torex Semiconductor XC6192 Datasheet HTML 18Page - Torex Semiconductor XC6192 Datasheet HTML 19Page - Torex Semiconductor XC6192 Datasheet HTML 20Page - Torex Semiconductor XC6192 Datasheet HTML 21Page - Torex Semiconductor XC6192 Datasheet HTML 22Page - Torex Semiconductor XC6192 Datasheet HTML 23Page - Torex Semiconductor XC6192 Datasheet HTML 24Page - Torex Semiconductor XC6192 Datasheet HTML 25Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21/28
XC6192
Series
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(10) Main driver On Resistor vs. Ambient Temperature
0.40
0.50
0.60
0.70
0.80
-50
-25
0
255075
100
125
Ambient Temperature : Ta [℃]
XC6192 Series
Turn-On State, VIN=2.5V
CIN=0.1uF, CL=0.1uF
0.30
0.38
0.45
0.53
0.60
-50
-25
0
25
50
75
100
125
Ambient Temperature : Ta [℃]
XC6192 Series
Turn-On State, VIN=3.7V
CIN=0.1uF, CL=0.1uF
0.25
0.30
0.35
0.40
0.45
-50
-25
0
25
50
75
100
125
Ambient Temperature : Ta [℃]
XC6192 Series
Turn-On State, VIN=6.0V
CIN=0.1uF, CL=0.1uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com