Electronic Components Datasheet Search
  English  ▼

X  

XC6192 Datasheet(PDF) 14 Page - Torex Semiconductor

Part # XC6192
Description  Power saving Push Button Load switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6192 Datasheet(HTML) 14 Page - Torex Semiconductor

Back Button XC6192 Datasheet HTML 10Page - Torex Semiconductor XC6192 Datasheet HTML 11Page - Torex Semiconductor XC6192 Datasheet HTML 12Page - Torex Semiconductor XC6192 Datasheet HTML 13Page - Torex Semiconductor XC6192 Datasheet HTML 14Page - Torex Semiconductor XC6192 Datasheet HTML 15Page - Torex Semiconductor XC6192 Datasheet HTML 16Page - Torex Semiconductor XC6192 Datasheet HTML 17Page - Torex Semiconductor XC6192 Datasheet HTML 18Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
14/28
XC6192 Series
■OPERATIONAL EXPLANATION (Continued)
[
Inrush current limit and output short circuit protection:Fig.9 ]
The XC6192 series has a function that limits rush current and a circuit that shuts down the output when an
output short-circuit is detected.
During the time until the VOUT pin voltage reaches VRUSH during the Turn-On sequence, only PM1 turns
ON, and therefore the voltage rises through the Pre-driver On Resistor (RONP: refer to the Electrical
Characteristics).
When the VOUT pin voltage reaches VRUSH or more, PM2 turns ON and rush current limiting is released.
The rush current at the instant when PM1 turns ON is calculated using the following equation.
Inrush Current = VIN / RONP (A)
In addition, during the time until the VOUT pin voltage reaches VRUSH by means of the rush current limiting
function, the load current while VOUT rises must be set to less than the value given by the equation below.
Start-up Load Current < (VIN – VRUSH (Max.)) / RONP (A)
If the VOUT pin voltage drops below the Short Circuit Detect Voltage (VSHORT: refer to the Electrical
Characteristics) after the Turn-On sequence, a short-circuit is detected and PM1 and PM2 are latched in the
OFF state, causing VOUT to shut down. The relation between the output current (ISHORT) and VSHORT
when a short circuit occurs is given by the equation below.
ISHORT = (VIN - VSHORT) / RON (A)
The equation for the maximum output current is as follows.
IOUT (Min.) = (VIN - VSHORT (Max.)) / RON (Max.) (A)
Fig.9 Inrush current limit and output short circuit protection
Inrush Current Limit Voltage
SW Pin Voltage
VOUT Pin Voltage
PG Pin Voltage
Inrush Current
(CL Charge Current)
Short Circuit Detect Voltage
Output Current
Correct operation
Short Circuit 
operation
Inrush Current Limit 
operation
TOND
Short Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com