Electronic Components Datasheet Search
  English  ▼

X  

XCL103 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XCL103
Description  Inductor Built-in Step-up ?쐌icro DC/DC??Converter (micro DC/DC)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL103 Datasheet(HTML) 1 Page - Torex Semiconductor

  XCL103 Datasheet HTML 1Page - Torex Semiconductor XCL103 Datasheet HTML 2Page - Torex Semiconductor XCL103 Datasheet HTML 3Page - Torex Semiconductor XCL103 Datasheet HTML 4Page - Torex Semiconductor XCL103 Datasheet HTML 5Page - Torex Semiconductor XCL103 Datasheet HTML 6Page - Torex Semiconductor XCL103 Datasheet HTML 7Page - Torex Semiconductor XCL103 Datasheet HTML 8Page - Torex Semiconductor XCL103 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1/20
XCL102/XCL103Series
Inductor Built-in Step-up “micro DC/DC” Converter (micro DC/DC)
■
GENERAL DESCRIPTION
The XCL102/XCL103 series is a synchronous step-up micro DC/DC converter which integrates an inductor and a control IC
in one tiny package (2.0mm×2.5mm, h=1.0mm). A stable step-up power supply is configured using only two capacitors connected
externally. An internal coil simplifies the circuit and enables minimization of noise and other operational trouble due to the circuit
wiring. A wide operating voltage range of 0.9V to 6.0V enables support for applications that require an internally fixed output
voltage (2.2V to 5.5V). PWM control (XCL102) or automatic PWM/PFM switching control (XCL103) can be selected.
During the devices enter stand-by mode, XCL102D/XCL103D types prevent the application malfunction by CL Discharge
Function which can quickly discharge the electric charge at the output capacitor (CL). XCL102/XCL103E types is able to drive
Real Time Clock etc.
■
APPLICATIONS
●
Portable equipment
●
Beauty & health equipment
●
Wearable devices
●
Game & Hobby
●
PC Peripherals
●
Devices with 1~3 Alkaline,
1~3 Nickel Hydride, 1 Lithium and 1 Li-ion
■
FEATURES
Input Voltage Range
: 0.9V~6.0V (Absolute Max. Rating: 7.0V)
Fixed Output Voltage
: 2.2V~5.5V (0.1V increments)
Oscillation Frequency
: 3.0MHz (±20%)
Input Current
: 0.8A
Output Current
: 500mA @VOUT=5.0V, VBAT=3.3V (TYP.)
350mA @VOUT=3.3V, VBAT =1.8V (TYP.)
Control Mode Selection
Load Transient Response
: PWM (XCL102 Series) or
Auto PWM/PFM (XCL103 Series)
:100mV@VOUT=3.3V,VBAT=1.8V,IOUT=1mA→200mA
Protection Circuits
: Over-current limit (Integral latch method)
Output short-circuit protection
Functions
: Soft-start
Load Disconnection Function
(D type)
CL Auto Discharge Function (D type)
Bypass Switch Function
(E type)
Output Capacitor
: Ceramic Capacitor
OperatingAmbientTemperature : -40℃~+85℃
Package
: CL-2025-02
Environmentally Friendly
: EU RoHS Compliant, Pb Free
■TYPICAL APPLICATION CIRCUIT
ETR28011-001
☆
GreenOperation-Compatible
■TYPICAL PERFORMANCE
CHARACTERISTICS
XCL103D503CR-G/XCL103E503CR-G


Similar Part No. - XCL103

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCL101 TOREX-XCL101 Datasheet
626Kb / 19P
Inductor Built-in Step-up ?쐌icro DC/DC??Converter
XCL104 TOREX-XCL104 Datasheet
2Mb / 41P
1.4A, Inductor Built-in Step-up DC/DC Converters
XCL105 TOREX-XCL105 Datasheet
2Mb / 41P
1.4A, Inductor Built-in Step-up DC/DC Converters
More results

Similar Description - XCL103

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCL201 TOREX-XCL201 Datasheet
567Kb / 21P
Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL208 TOREX-XCL208 Datasheet
824Kb / 22P
400mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL101 TOREX-XCL101 Datasheet
626Kb / 19P
Inductor Built-in Step-up ?쐌icro DC/DC??Converter
XCL213 TOREX-XCL213 Datasheet
556Kb / 16P
1.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL220 TOREX-XCL220 Datasheet
1Mb / 20P
1.0A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL222 TOREX-XCL222 Datasheet
1Mb / 20P
0.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL225 TOREX-XCL225 Datasheet
761Kb / 27P
0.5A Inductor Built-in Step-down ?쐌icro DC/DC??Converter
XCL230 TOREX-XCL230 Datasheet
1Mb / 37P
36V, 600mA Inductor Built-in Step-down ?쐌icro DC/DC??Converter
XDL605 TOREX-XDL605 Datasheet
1Mb / 29P
36V Operation 600mA Inductor Built-in Step-down ?쐌icro DC/DC??Converter
logo
Murata Manufacturing Co...
MYRBP-WD MURATA1-MYRBP-WD Datasheet
2Mb / 22P
Inductor Built-in Step-up mini DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com