Electronic Components Datasheet Search
  English  ▼

X  

XCL103 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XCL103
Description  Inductor Built-in Step-up ?쐌icro DC/DC??Converter (micro DC/DC)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL103 Datasheet(HTML) 3 Page - Torex Semiconductor

  XCL103 Datasheet HTML 1Page - Torex Semiconductor XCL103 Datasheet HTML 2Page - Torex Semiconductor XCL103 Datasheet HTML 3Page - Torex Semiconductor XCL103 Datasheet HTML 4Page - Torex Semiconductor XCL103 Datasheet HTML 5Page - Torex Semiconductor XCL103 Datasheet HTML 6Page - Torex Semiconductor XCL103 Datasheet HTML 7Page - Torex Semiconductor XCL103 Datasheet HTML 8Page - Torex Semiconductor XCL103 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3/20
XCL102/XCL103
Series
■
PRODUCT CLASSIFICATION
●
Ordering Information
XCL102①②③④⑤⑥-⑦ PWM control
XCL103①②③④⑤⑥-⑦ PWM/PFM
automatic switching control
●
Selection guides
■
PIN CONFIGURATION
■
PIN ASSIGNMENT
■
FUNCTION CHART
PIN NAME
SIGNAL
STATUS
CE
L
Stand-by
H
Active
* Do not leave the CE pin open.
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
①
Type
D
Refer to Selection Guide
E
②③
Output Voltage
22~55
Output Voltage options
e.g.)3.3V → ②=3, ③=3
5.0V → ②=5, ③=0
④
Oscillation Frequency
3
3.0MHz
⑤⑥
-⑦ (*1)
Package (Order Unit)
CR-G
CL-2025-02 (3,000pcs/Reel)
TYPE
Output
Voltage
Chip
Enable
Soft-Start
CL Auto-
Discharge
Bypass
Switch
Load
Disconnection
Current Limit
(with integral latch)
Short
Protection
with latch
D
Fixed
Yes
Fixed
Yes
No
Yes
Yes
Yes
E
Fixed
Yes
Fixed
No
Yes
No
Yes
Yes
PIN NUMBER
PIN NAME
FUNCTIONS
1
VBAT
Power Input
2
GND
Ground
3
CE
Chip Enable
4
GND
Ground
5
Lx
Switching
6
VOUT
Output Voltage
7
L1
Inductor Electrodes
8
L2
* If the pad needs to be connected to other pins, it should be connected to the GND.
(*1) The ”-G” suffix indicates that the products are Halogen and Antimony free as well as being fully EU RoHS compliant.
7 L1
8 L2
VOUT 6
Lx 5
GN D 4
1 VBAT
2 GN D
3 CE
(BOTTOM VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com