Electronic Components Datasheet Search
  English  ▼

X  

XCL103 Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XCL103
Description  Inductor Built-in Step-up ?쐌icro DC/DC??Converter (micro DC/DC)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL103 Datasheet(HTML) 5 Page - Torex Semiconductor

  XCL103 Datasheet HTML 1Page - Torex Semiconductor XCL103 Datasheet HTML 2Page - Torex Semiconductor XCL103 Datasheet HTML 3Page - Torex Semiconductor XCL103 Datasheet HTML 4Page - Torex Semiconductor XCL103 Datasheet HTML 5Page - Torex Semiconductor XCL103 Datasheet HTML 6Page - Torex Semiconductor XCL103 Datasheet HTML 7Page - Torex Semiconductor XCL103 Datasheet HTML 8Page - Torex Semiconductor XCL103 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5/20
XCL102/XCL103
Series
■
ELECTRICAL CHARACTERISTICS
●
XCL102/XCL103 Series
Ta=25℃
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Input Voltage
VIN
-
-
6.0
V
①
Output Voltage
VOUT
Voltage to start oscillation while
VOUT=VOUT(T)×1.03→VOUT(T)×0.97
<E-1>
<E-2>
<E-3>
V
⑤
Operation Start Voltage
VST1
RL=1kΩ
-
-
0.90
V
①
Operation Hold Voltage
VHLD
RL=1kΩ
-
0.65
-
V
①
Quiescent Current
(XCL103 only)
Iq
VOUT=VBAT= VOUT(T)+0.5V
-
26
40
μA
③
Supply Current
IDD
VOUT=VBAT= VOUT(T)-0.2V
-
<E-5>
3.0
mA
③
Oscillation Frequency
fOSC
VBAT= VOUT(T)×0.5, IOUT=100mA
2.4
3.0
3.6
MHz
①
Maximum Duty Cycle
DMAX
VBAT=1.2V, VOUT= VOUT(T)-0.2V
88
93
98
%
⑤
Minimum Duty Cycle
DMIN
VOUT=VBAT= VOUT(T)+0.5V
-
-
0
%
⑤
PFM Switching Current
(XCL103 only)
IPFM
VBAT=1.5V, RL is selected with VOUT(T),
Refer to Table 1
-
165
230
mA
①
Efficiency
(
XCL103 only)
EFFI
VBAT= VOUT(T)×0.6, RL is selected with
VOUT(T), Refer to Table 1
-
86(*3)
-
%
①
Efficiency
EFFI
VBAT= VOUT(T)×0.6, IOUT= 100mA
-
90(*3)
-
%
①
Stand-by Current
ISTB
VBAT=VLx=6.0V,VCE=0V, (*1)
-
0
1.0
μA
⑦
Lx SW "Pch" ON
Resistance
RLXP
VBAT=VLx= 6.0V, IOUT=200mA
-
0.3(*2)
-
Ω
④
Lx SW "Nch" ON
Resistance
RLXN
-
0.3(*3)
-
Ω
①
Lx SW”H” Leakage
Current
ILXLH
VBAT=6.0,VCE=0V, VLx=6.0V,VOUT=0V
-
0
1.0
μA
⑦
Current Limit
ILIM
VBAT= VOUT(T)-0.2V, RLx=1Ω
<E-6>
<E-7>
<E-8>
A
⑥
Integral Latch Time
tLAT
VBAT= VOUT(T)-0.2V, RLx=1Ω, Time from
current limit start to stop Lx oscillation
25
100
365
μs
⑥
Latch Release Voltage
VLAT_R
RL is selected with VOUT(T), Refer to Table 1
0.9
1.2
1.5
V
①
Short Protection
Threshold Voltage
VSHORT
VBAT=VOUT(T)-0.2V, RL=1Ω
-
(*3)
-
V
①
Soft-Start Time
tSS
VBAT= VOUT(T)×0.6, VOUT=VOUT(T)× 0.9,
After "H" is fed to CE, the time by when
clocks are generated at Lx pin.
0.2
0.5
1.0
ms
⑤
CL Discharge Resistance
(Type D only)
RDCHG
VBAT=3.3V, VOUT=3.3V, VCE=0V
100
180
400
Ω
②
Bypass SW
Resistance (Type E only)
RBSW
VBAT= 3.3V, VOUT=0V, VCE=0V
100
180
400
Ω
②
CE "H" Voltage
VCEH
VOUT= VOUT(T)-0.15V, Applied voltage to VCE,
Voltage changes Lx to be generated.
0.8
-
6.0
V
⑤
CE "L" Voltage
VCEL
VOUT= VOUT(T)-0.15V, Applied voltage to VCE,
Voltage changes Lx to“H” level
GND
-
0.2
V
⑤
CE "H" Current
ICEH
VBAT=6.0V,VOUT=6.0V, VLx=6.0V VCE=6.0V,
-0.1
-
0.1
μA
②
CE "L" Current
ICEL
VBAT=6.0V,VOUT=6.0V, VLx=6.0V ,VCE=0V
-0.1
-
0.1
μA
②
Inductance
L
Test Freq.=1MHz
-
1.5
-
μH
-
Inductor Rated Current
ICEL
∆T=+40deg
-
1000
-
mA
-
VOUT(T):Target Voltage
Test Conditions: unless otherwise stated、VBAT=1.5V, VCE=3.3V, Lx:OPEN, RLx=56Ω
(*1) XCL102D/XCL103D: VOUT=0V, XCL102E/XCL103E : VOUT=OPEN
(*2) Design value for the XCL103D
(*3) Designed value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com