Electronic Components Datasheet Search
  English  ▼

X  

SCAN921821 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SCAN921821
Description  Dual 18-Bit Serializer with Pre-emphasis, IEEE 1149.1(JTAG), and At-Speed BIST
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN921821 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  SCAN921821 Datasheet HTML 1Page - National Semiconductor (TI) SCAN921821 Datasheet HTML 2Page - National Semiconductor (TI) SCAN921821 Datasheet HTML 3Page - National Semiconductor (TI) SCAN921821 Datasheet HTML 4Page - National Semiconductor (TI) SCAN921821 Datasheet HTML 5Page - National Semiconductor (TI) SCAN921821 Datasheet HTML 6Page - National Semiconductor (TI) SCAN921821 Datasheet HTML 7Page - National Semiconductor (TI) SCAN921821 Datasheet HTML 8Page - National Semiconductor (TI) SCAN921821 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
DD)
−0.3V to +4V
Supply Voltage (V
DD)
Ramp Rate
< 30 V/ms
LVCMOS/LVTTL Input
Voltage
−0.3V to (V
DD +0.3V)
LVCMOS/LVTTL Output
Voltage
−0.3V to (V
DD +0.3V)
Bus LVDS Driver Output
Voltage
−0.3V to +3.9V
Bus LVDS Output Short
Circuit
Duration
10ms
Junction Temperature
+150˚C
Storage Temperature
−65˚C to +150˚C
Lead Temperature
(Soldering, 4 seconds)
+220˚C
Maximum Package Power Dissipation at 25˚C
FBGA-100
3.57 W
Derating Above 25˚C
28.57 mW/˚C
Thermal resistance
θ
JA
35˚C/W
θ
JC
11.1˚C/W
ESD Rating
HBM, 1.5 K
Ω, 100 pF
All pins
>8kV
Bus LVDS pins
>15 kV
MM, 0
Ω, 200 pF
>1200 V
CDM
>2kV
Recommended Operating
Conditions
Min
Nom
Max
Units
Supply Voltage (V
DD)
3.15
3.3
3.45
V
Operating Free Air
Temperature (T
A)
−40
+25
+85
˚C
Clock Rate
15
66
MHz
Supply Noise
100
mV p-p
DC Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LVCMOS/LVTTL Input DC Specifications
V
IH
High Level Input
Voltage
2.0
V
DD
V
V
IL
Low Level Input
Voltage
GND
0.8
V
V
CL
Input Clamp Voltage
I
CL = −18 mA
−1.5
-0.7
V
I
INH
High Level Input
Current
V
IN =VDD =VDDMAX
−20
±2
+20
µA
I
INL
Low Level Output
Current
V
IN =VSS,VDD =VDDMAX
−10
±2
+10
µA
1149.1 (JTAG) DC Specifications
V
IH
High Level Input
Voltage
2.0
V
DD
V
V
IL
Low Level Input
Voltage
GND
0.8
V
V
CL
Input Clamp Voltage
I
CL = −18 mA
−1.5
-0.7
V
I
INH
High Level Input
Current
V
IN =VDD =VDDMAX
-20
+20
µA
I
INL
Low Level Output
Current
V
IN =VSS,VDD =VDDMAX
-200
+200
µA
V
OH
High Level Output
Voltage
I
OH =−9mA
2.3
V
DD
mV
V
OL
Low Level Output
Voltage
I
OL = 9 mA
GND
0.5
mV
I
OS
Output Short Circuit
Current
V
OUT = 0 V
-100
-80
-50
mA
I
OZ
Output Tri-state
Current
PWDN or EN = 0.8V, V
OUT =0V
-10
+10
µA
PWDN or EN = 0.8V, V
OUT = VDD
-30
+30
µA
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com