Electronic Components Datasheet Search
  English  ▼

X  

SCAN921821 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SCAN921821
Description  Dual 18-Bit Serializer with Pre-emphasis, IEEE 1149.1(JTAG), and At-Speed BIST
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN921821 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button SCAN921821 Datasheet HTML 3Page - National Semiconductor (TI) SCAN921821 Datasheet HTML 4Page - National Semiconductor (TI) SCAN921821 Datasheet HTML 5Page - National Semiconductor (TI) SCAN921821 Datasheet HTML 6Page - National Semiconductor (TI) SCAN921821 Datasheet HTML 7Page - National Semiconductor (TI) SCAN921821 Datasheet HTML 8Page - National Semiconductor (TI) SCAN921821 Datasheet HTML 9Page - National Semiconductor (TI) SCAN921821 Datasheet HTML 10Page - National Semiconductor (TI) SCAN921821 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AC Timing Diagrams and Test Circuits (Continued)
Pre-emphasis Truth Table
PEM LEVEL
PEM2
PEM1
PEM0
0
LLL
1L
L
H
2L
H
L
3L
H
H
4H
L
L
5H
L
H
6H
H
L
7
HHH
20084429
FIGURE 9. Deterministic Jitter and Ideal Bit Position
20084416
VOD = (DO
+)–(DO−).
Differential output signal is shown as (DO+)–(DO−), device in Data Transfer mode.
FIGURE 10. V
OD Diagram
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com