Electronic Components Datasheet Search
  English  ▼

X  

YR20.246 Datasheet(PDF) 12 Page - PULS GmbH

Part # YR20.246
Description  24-28V, 20A, DUAL REDUNDANCY MODULE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

YR20.246 Datasheet(HTML) 12 Page - PULS GmbH

Back Button YR20.246 Datasheet HTML 8Page - PULS GmbH YR20.246 Datasheet HTML 9Page - PULS GmbH YR20.246 Datasheet HTML 10Page - PULS GmbH YR20.246 Datasheet HTML 11Page - PULS GmbH YR20.246 Datasheet HTML 12Page - PULS GmbH YR20.246 Datasheet HTML 13Page - PULS GmbH YR20.246 Datasheet HTML 14Page - PULS GmbH YR20.246 Datasheet HTML 15Page - PULS GmbH YR20.246 Datasheet HTML 16Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
YR20.246
Y-Series
24-28V, 20A, DUAL REDUNDANCY MODULE
14. PROTECTION FEATURES
Output over-current protection
not included
Reverse input polarity
protection
included
unit does not start when input voltage is reversed
Degree of protection
IP 20
EN/IEC 60529
Penetration protection
> 3.6mm
e.g. screws, small parts
Over-temperature protection
not included
Input transient protection
included
see EMC section
Output transient protection
included
see EMC section
Internal input fuse
not included
15. SAFETY FEATURES
Input / output separation
no galvanic separation
Mosfet between input and output
Safety level of output voltage
The output voltage is regarded to be SELV (EN 60950-1) or PELV (EN 60204-1, EN
62477-1, IEC 60364-4-41) if the input voltage fulfills the requirements for a SELV
source or PELV source.
Class of protection
III
PE (Protective Earth) or chassis connection not required
PE resistance
< 0.1Ohm
between housing and chassis-ground terminal
16. DIELECTRIC STRENGTH
The input and output voltages have the same reference, are floating and have no ohmic connection to ground.
Type and factory tests are conducted by the manufacturer. Field tests may be conducted in the field using the
appropriate test equipment which applies the voltage with a slow ramp (2s up and 2s down). Connect input/output
and signal terminals together before conducting the test.
When testing, set the cut-off current settings to the value in the table below.
Fig. 16-1 Dielectric strength
A
B
12/19
Type test
60s
500Vac
500Vac
Factory test
5s
500Vac
500Vac
Field test
5s
500Vac
500Vac
Cut-off current setting
> 2mA
> 2mA
A
Load Share OK,
Redundancy OK
Chassis
In- / Output
-
+
Jul. 2017 / Rev. 1.4 DS-YR20.246-EN
All parameters are typical values specified at 24V, 20A output current, 25°C ambient and
after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com