Electronic Components Datasheet Search
  English  ▼

X  

YR20.246 Datasheet(PDF) 17 Page - PULS GmbH

Part # YR20.246
Description  24-28V, 20A, DUAL REDUNDANCY MODULE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

YR20.246 Datasheet(HTML) 17 Page - PULS GmbH

Back Button YR20.246 Datasheet HTML 11Page - PULS GmbH YR20.246 Datasheet HTML 12Page - PULS GmbH YR20.246 Datasheet HTML 13Page - PULS GmbH YR20.246 Datasheet HTML 14Page - PULS GmbH YR20.246 Datasheet HTML 15Page - PULS GmbH YR20.246 Datasheet HTML 16Page - PULS GmbH YR20.246 Datasheet HTML 17Page - PULS GmbH YR20.246 Datasheet HTML 18Page - PULS GmbH YR20.246 Datasheet HTML 19Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
YR20.246
Y-Series
24-28V, 20A, DUAL REDUNDANCY MODULE
21.2. RECOMMENDATIONS FOR REDUNDANCY
Recommendations for the configuration of redundant power systems:
-
Use separate input fuses for each power supply.
-
Use three-phase power supplies to gain functional safety if one phase fails.
-
When single-phase power supplies are utilized connect them to different phases or mains circuits if possible.
-
Set the power supply in “Parallel-Use” mode if this feature is available
-
It is desirable to set the output voltages of all power supplies to the same value.
21.3. INDUCTIVE AND CAPACITIVE LOADS
The unit is designed to supply any kind of loads, including unlimited capacitive and inductive loads.
21.4. SIDEWARDS INSTALLATION CLEARANCES
The minimum clearance recommendations are defined in chapter 2.
Normally, the following installation clearance are recommended: 40mm on top, 20mm on the bottom, 5mm on the
left and right sides when the device is loaded permanently with more than 50% of the rated power. Increase this
clearance to 15mm in case the adjacent device is a heat source (e.g. another
power supply).
0mm
0mm
Load
Power
Supply
Input
Output
+
-
YR20.246
Redundancy
Module
Output
+
-
IN 2
+
-
IN 1
+
-
Power
Supply
Input
Output
+
-
The clearance between the power supplies and the redundancy module can be
reduced to zero under the following conditions:
-
1+1 redundancy application with maximum 12A output current.
-
The power supplies are from the PULS DIMENSION series.
-
The redundancy module is placed between the two power supplies.
-
The output voltage is set to the same level on both power supplies.
Jul. 2017 / Rev. 1.4 DS-YR20.246-EN
All parameters are typical values specified at 24V, 20A output current, 25°C ambient and
after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
17/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com