Electronic Components Datasheet Search
  English  ▼

X  

YR20.246 Datasheet(PDF) 2 Page - PULS GmbH

Part # YR20.246
Description  24-28V, 20A, DUAL REDUNDANCY MODULE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

YR20.246 Datasheet(HTML) 2 Page - PULS GmbH

  YR20.246 Datasheet HTML 1Page - PULS GmbH YR20.246 Datasheet HTML 2Page - PULS GmbH YR20.246 Datasheet HTML 3Page - PULS GmbH YR20.246 Datasheet HTML 4Page - PULS GmbH YR20.246 Datasheet HTML 5Page - PULS GmbH YR20.246 Datasheet HTML 6Page - PULS GmbH YR20.246 Datasheet HTML 7Page - PULS GmbH YR20.246 Datasheet HTML 8Page - PULS GmbH YR20.246 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
YR20.246
Y-Series
24-28V, 20A, DUAL REDUNDANCY MODULE
INDEX
Page
Page
1.
Intended Use .......................................................3
2.
Installation Requirements...................................3
3.
Input and Output Characteristics .......................4
4.
Power Losses........................................................5
5.
Lifetime Expectancy and MTBF...........................5
6.
Terminals and Wiring..........................................6
7.
Functional Diagram.............................................6
8.
Front Side and User Elements.............................7
9.
“Redundancy OK” Relay Contact .......................8
10. “Load Share OK” Relay Contact .........................8
11. Automated Load Sharing....................................9
12. EMC....................................................................10
13. Environment ......................................................11
14. Protection Features ...........................................12
15. Safety Features ..................................................12
16. Dielectric Strength............................................ 12
17. Approvals .......................................................... 13
18. RoHS, REACH and Other Fulfilled Standards .. 13
19. Physical Dimensions and Weight ..................... 14
20. Accessories ........................................................ 15
20.1. ZM11.SIDE - Side Mounting Bracket........15
21. Application Notes............................................. 16
21.1. Using Only One Input Instead of Both
Channels...............................................................16
21.2. Recommendations for Redundancy.........17
21.3. Inductive and Capacitive Loads................17
21.4. Sidewards Installation Clearances............17
21.5. 1+1 Redundancy up to 10A......................18
21.6. Mounting Orientations ............................19
The information given in this document is correct to the best of our knowledge and experience at the time of publication. If not
expressly agreed otherwise, this information does not represent a warranty in the legal sense of the word. As the state of our
knowledge and experience is constantly changing, the information in this data sheet is subject to revision. We therefore kindly ask
you to always use the latest issue of this document (available under www.pulspower.com). No part of this document may be
reproduced or utilized in any form without our prior permission in writing.
TERMINOLOGY AND ABREVIATIONS
DC 24V
A figure displayed with the AC or DC before the value represents a nominal voltage with
standard tolerances (usually ±15%) included.
E.g.: DC 12V describes a 12V battery disregarding whether it is full (13.7V) or flat (10V)
24Vdc
A figure with the unit (Vdc) at the end is a momentary figure without any additional
tolerances included.
may
A key word indicating flexibility of choice with no implied preference
shall
A key word indicating a mandatory requirement
should
A key word indicating flexibility of choice with a strongly preferred implementation
1+1 Redundancy
Use of two identical power supplies in parallel to provide continued
operation following most failures in a single power supply. The two power
supply outputs should be isolated from each other by utilizing diodes or
other switching arrangements. E.g. two 10A power supplies are needed to
achieve a 10A redundant system.
AC
DC
AC
DC
Load
-
IN 1
OUT
IN 2
Jul. 2017 / Rev. 1.4 DS-YR20.246-EN
All parameters are typical values specified at 24V, 20A output current, 25°C ambient and
after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
2/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com