Electronic Components Datasheet Search
  English  ▼

X  

YR20.246 Datasheet(PDF) 13 Page - PULS GmbH

Part # YR20.246
Description  24-28V, 20A, DUAL REDUNDANCY MODULE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

YR20.246 Datasheet(HTML) 13 Page - PULS GmbH

Back Button YR20.246 Datasheet HTML 9Page - PULS GmbH YR20.246 Datasheet HTML 10Page - PULS GmbH YR20.246 Datasheet HTML 11Page - PULS GmbH YR20.246 Datasheet HTML 12Page - PULS GmbH YR20.246 Datasheet HTML 13Page - PULS GmbH YR20.246 Datasheet HTML 14Page - PULS GmbH YR20.246 Datasheet HTML 15Page - PULS GmbH YR20.246 Datasheet HTML 16Page - PULS GmbH YR20.246 Datasheet HTML 17Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
YR20.246
Y-Series
24-28V, 20A, DUAL REDUNDANCY MODULE
17. APPROVALS
EC Declaration of Conformity
The CE mark indicates conformance with the
- EMC directive and the
- ATEX directive.
CB Scheme,
Information Technology Equipment
IEC 60950-1
UL 508
IND. CONT. EQ.
Listed for use as Industrial Control Equipment;
U.S.A. (UL 508) and Canada (C22.2 No. 107-1-01);
E-File: E198865
UL 60950-1
Recognized for use as Information Technology Equipment,
Level 5; U.S.A. (UL 60950-1) and Canada (C22.2 No. 60950);
E-File: E137006
ANSI / ISA 12.12.01-2007
Class I Div 2,
planned
LISTED for use in Hazardous Location Class I Div 2 T4 Groups
A,B,C,D systems; U.S.A. (ANSI / ISA 12.12.01-2007) and Canada
(C22.2 No. 213-M1987)
Suitable for use in Category 3 Zone 2 locations.
Number of ATEX certificate: EPS 11 ATEX 1 312 X
The redundancy module must be built-in in an IP54 enclosure.
ATEX
EN 60079-0, EN 60079-7
II 3G Ex ec nC IIC T4 Gc
IECEx
IEC 60079-0, IEC 60079-7
IECEx
Ex ec nC IIC T4 Gc
Suitable for use in Category 3 Zone 2 locations.
Number of IECEx certificate: IECEx EPS 12.0032X
Marine,
planned
GL (Germanischer Lloyd) classified
Environmental category: C, EMC1
Marine and offshore applications
EAC TR Registration
Registration for the Eurasian Customs Union market
(Russia, Kazakhstan, Belarus)
18. ROHS, REACH AND OTHER FULFILLED STANDARDS
RoHS Directive
Directive 2011/65/EU of the European Parliament and the
Council of June 8th, 2011 on the restriction of the use of
certain hazardous substances in electrical and electronic
equipment.
REACH Directive
Directive 1907/2006/EU of the European Parliament and the
Council of June 1st, 2007 regarding the Registration,
Evaluation, Authorisation and Restriction of Chemicals
(REACH)
Jul. 2017 / Rev. 1.4 DS-YR20.246-EN
All parameters are typical values specified at 24V, 20A output current, 25°C ambient and
after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
13/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com