Electronic Components Datasheet Search
  English  ▼

X  

SN65MLVD047 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD047
Description  MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD047 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65MLVD047 Datasheet HTML 6Page - Texas Instruments SN65MLVD047 Datasheet HTML 7Page - Texas Instruments SN65MLVD047 Datasheet HTML 8Page - Texas Instruments SN65MLVD047 Datasheet HTML 9Page - Texas Instruments SN65MLVD047 Datasheet HTML 10Page - Texas Instruments SN65MLVD047 Datasheet HTML 11Page - Texas Instruments SN65MLVD047 Datasheet HTML 12Page - Texas Instruments SN65MLVD047 Datasheet HTML 13Page - Texas Instruments SN65MLVD047 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
SN65MLVD047
SLLS606 − MARCH 2004
www.ti.com
10
TYPICAL CHARACTERISTICS
Figure 9
50
55
60
65
70
75
80
25
50
75
100
125
VCC = 3.3 V,
TA = 255C,
EN = VCC,
EN = GND,
RL = 50 W,
All Inputs
RMS SUPPLY CURRENT
vs
INPUT FREQUENCY
f − Input Frequency − MHz
Figure 10
60
61
62
63
64
65
−40
−15
10
35
60
85
RMS SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
VCC = 3.3 V,
f = 50 MHz,
EN = VCC,
EN = GND,
RL = 50 W
Figure 11
500
520
540
560
580
600
25
50
75
100
125
VCC = 3.6 V
VCC = 3.3 V
VCC = 3 V
TA = 255C,
RL = 50 W
DIFFERENTIAL OUTPUT VOLTAGE MAGNITUDE
vs
INPUT FREQUENCY
f − Input Frequency − MHz
Figure 12
1.34
1.36
1.38
1.4
1.42
1.44
1.46
1.48
1.5
1.52
1.54
−40
−15
10
35
60
85
tPHL
tPLH
VCC = 3.3 V,
f = 500 kHz,
RL = 50 W
DRIVER PROPAGATION DELAY TIME
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com