Electronic Components Datasheet Search
  English  ▼

X  

SN65MLVD047 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD047
Description  MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD047 Datasheet(HTML) 2 Page - Texas Instruments

  SN65MLVD047 Datasheet HTML 1Page - Texas Instruments SN65MLVD047 Datasheet HTML 2Page - Texas Instruments SN65MLVD047 Datasheet HTML 3Page - Texas Instruments SN65MLVD047 Datasheet HTML 4Page - Texas Instruments SN65MLVD047 Datasheet HTML 5Page - Texas Instruments SN65MLVD047 Datasheet HTML 6Page - Texas Instruments SN65MLVD047 Datasheet HTML 7Page - Texas Instruments SN65MLVD047 Datasheet HTML 8Page - Texas Instruments SN65MLVD047 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SN65MLVD047
SLLS606 − MARCH 2004
www.ti.com
2
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PART NUMBER
PACKAGE MARKING
PACKAGE/CARRIER
SN65MLVD047D
MLVD047
16-Pin SOIC/Tube
SN65MLVD047DR
MLVD047
16-Pin SOIC/Tape and Reel
SN65MLVD047PW
MLVD047
16-Pin TSSOP/Tube
SN65MLVD047PWR
MLVD047
16-Pin TSSOP/Tape and Reel
PACKAGE DISSIPATION RATINGS
PACKAGE
PCB JEDEC
STANDARD
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C(1)
TA = 85°C
POWER RATING
D(16)
Low-K(2)
898 mW
7.81 mW/
_C
429 mW
PW(16)
Low-K(2)
592 mW
5.15 mW/
_C
283 mw
PW(16)
High-K(3)
945 mW
8.22 mW/
_C
452 mw
(1) This is the inverse of the junction-to-ambient thermal resistance when board mounted and with no air flow.
(2) In accordance with the Low-K thermal metric difinitions of EIA/JESD51−3.
(3) In accordance with the High-K thermal metric difinitions of EIA/JESD51−7.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
UNITS
Supply voltage range(2), VCC
−0.5 V to 4 V
Input voltage range, VI
A, EN, EN
−0.5 V to 4 V
Output voltage range, VO Y, Z
−1.8 V to 4 V
Human Body Model(3)
Y and Z
±9 kV
Electrostatic discharge
Human Body Model(3)
All pins
±4 kV
Electrostatic discharge
Charged-Device Model(4)
All pins
±1500 V
Machine Model(5)
All pins
200 V
Junction temperature, TJ
140
°C
Continuous power dissipation, PD
See Dissipation Rating Table
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) All voltage values, except differential I/O bus voltages, are with respect to the circuit ground terminal.
(3) Tested in accordance with JEDEC Standard 22, Test Method A114−B.
(4) Tested in accordance with JEDEC Standard 22, Test Method C101−A.
(5) Tested in accordance with JEDEC Standard 22, Test Method A115−A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com