Electronic Components Datasheet Search
  English  ▼

X  

SN65MLVD047 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD047
Description  MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD047 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN65MLVD047 Datasheet HTML 8Page - Texas Instruments SN65MLVD047 Datasheet HTML 9Page - Texas Instruments SN65MLVD047 Datasheet HTML 10Page - Texas Instruments SN65MLVD047 Datasheet HTML 11Page - Texas Instruments SN65MLVD047 Datasheet HTML 12Page - Texas Instruments SN65MLVD047 Datasheet HTML 13Page - Texas Instruments SN65MLVD047 Datasheet HTML 14Page - Texas Instruments SN65MLVD047 Datasheet HTML 15Page - Texas Instruments SN65MLVD047 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
SN65MLVD047
SLLS606 − MARCH 2004
www.ti.com
12
APPLICATION INFORMATION
SYNCHRONIZATION CLOCK IN ADVANCEDTCA
Advanced Telecommunications Computing Architecture, also known as AdvancedTCA, is an open architecture to meet
the needs of the rapidly changing communications network infrastructure. M−LVDS bused clocking is recommended by
the ATCA.
The ATCA specification includes requirements for three redundant clock signals. An 8-KHz and a 19.44-MHz clock signal,
as well as an user-defined clock signal are included in the specification. The SN65MLVD047 quad driver supports
distribution of these three ATCA clock signals, supporting operation beyond 100 MHz, which is the highest clock frequency
included in the ATCA specification. A pair of SN65MLVD047 devices can be used to support the ATCA redundancy
requirements.
MULTIPOINT CONFIGURATION
The SN65MLVD047 is designed to meet or exceed the requirement of the TIA/EIA−899 (M−LVDS) standard, which allows
multipoint communication on a shared bus.
Multipoint is a bus configuration with multiple drivers and receivers present. An example is shown in Figure 17. The figure
shows transceivers interfacing to the bus, but a combination of drivers, receivers, and transceivers is also possible.
Termination resistors need to be placed on each end of the bus, with the termination resistor value matched to the loaded
bus impedance.
Figure 17. Multipoint Architecture
MULTIDROP CONFIGURATION
Multidrop configuration is similar to multipoint configuration, but only one driver is present on the bus. A multidrop system
can be configured with the driver at one end of the bus, or in the middle of the bus. When a driver is located at one end,
a single termination resistor is located at the far end, close to the last receiver on the bus. Alternatively, the driver can be
located in the middle of the bus, to reduce the maximum flight time. With a centrally located driver, termination resistors
are located at each end of the bus. In both cases the termination resistor value should be matched to the loaded bus
impedance. Figure 18 shows examples of both cases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com