Electronic Components Datasheet Search
  English  ▼

X  

SN65MLVD047 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD047
Description  MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD047 Datasheet(HTML) 3 Page - Texas Instruments

  SN65MLVD047 Datasheet HTML 1Page - Texas Instruments SN65MLVD047 Datasheet HTML 2Page - Texas Instruments SN65MLVD047 Datasheet HTML 3Page - Texas Instruments SN65MLVD047 Datasheet HTML 4Page - Texas Instruments SN65MLVD047 Datasheet HTML 5Page - Texas Instruments SN65MLVD047 Datasheet HTML 6Page - Texas Instruments SN65MLVD047 Datasheet HTML 7Page - Texas Instruments SN65MLVD047 Datasheet HTML 8Page - Texas Instruments SN65MLVD047 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SN65MLVD047
SLLS606 − MARCH 2004
www.ti.com
3
RECOMMENDED OPERATING CONDITIONS (see Figure 1)
MIN
NOM
MAX
UNIT
Supply voltage, VCC
3
3.3
3.6
V
High-level input voltage, VIH
2
VCC
V
Low-level input voltage, VIL
0
0.8
V
Voltage at any bus terminal (separate or common mode) VY or VZ
−1.4
3.8
V
Differential load resistance, RL
30
55
Ω
Signaling rate, 1/tUI
200 Mbps
Clock frequency
100
MHz
Junction temperature, TJ
−40
125
°C
THERMAL CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Low-K board(1), no airflow
D
128
Low-K board(1), no airflow
194.2
Junction-to-ambient thermal resistance,
ΘJA
Low-K board(1), 150 LFM
PW
146.8
°C/W
Junction-to-ambient thermal resistance,
ΘJA
Low-K board(1), 250 LFM
PW
133.1
C/W
High-K board(2), no airflow
121.6
Junction-to-board thermal resistance,
ΘJB
High-K board(2)
D
51.1
°C/W
Junction-to-board thermal resistance,
ΘJB
High-K board(2)
PW
85.3
°C/W
Junction-to-case thermal resistance,
ΘJC
D
45.4
°C/W
Junction-to-case thermal resistance,
ΘJC
PW
34.7
°C/W
Device power dissipation, PD
EN = VCC, EN = GND, RL = 50 Ω,
Input 100 MHz 50 % duty cycle square wave to
1A:4A, TA = 85°C
288.5
mW
(1) In accordance with the Low-K thermal metric difinitions of EIA/JESD51−3.
(2) In accordance with the High-K thermal metric difinitions of EIA/JESD51−7.
DEVICE ELECTRICAL CHARACTERISTICS
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX
UNIT
ICC
Supply current
Driver enabled
EN = VCC, EN = GND, RL = 50 Ω, All inputs = VCC or
GND
59
70
mA
ICC
Supply current
Driver disabled
EN = GND, EN = VCC, RL = No load, All inputs = VCC or
GND
2
4
mA
(1) The algebraic convention, in which the least positive (most negative) limit is designated as minimum is used in this data sheet.
(2) All typical values are at 25°C and with a 3.3-V supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com