Electronic Components Datasheet Search
  English  ▼

X  

FX489 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FX489
Description  GMSK Modem
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FX489 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FX489 Datasheet HTML 1Page - List of Unclassifed Manufacturers FX489 Datasheet HTML 2Page - List of Unclassifed Manufacturers FX489 Datasheet HTML 3Page - List of Unclassifed Manufacturers FX489 Datasheet HTML 4Page - List of Unclassifed Manufacturers FX489 Datasheet HTML 5Page - List of Unclassifed Manufacturers FX489 Datasheet HTML 6Page - List of Unclassifed Manufacturers FX489 Datasheet HTML 7Page - List of Unclassifed Manufacturers FX489 Datasheet HTML 8Page - List of Unclassifed Manufacturers FX489 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
FX489DW
FX489P
13
14
15
16
17
18
19
20
21
22
23
24
Pin Number
Function
Doc1:
Connections to the Rx Level Measurement Circuitry. A capacitor should be connected from
each pin to V
SS.
Doc2:
BT: A logic level to select the modem ‘BT’ (the ratio of the Tx Filter's -3dB frequency to the Bit-
Rate). A logic “1” sets the modem to a BT of 0.5, a logic “0” to a BT of 0.3.
Tx Out: The Tx signal output from the FX489 GMSK Modem.
Tx Enable: A logic “1” applied to this input enables the transmit data path through the Tx Filter to
the “Tx Out pin”. A logic “0” will put the “Tx Out” pin to V
BIAS via a high impedance.
Tx PS: A logic “1” applied to this input will powersave all transmit circuits except for the Tx Clock.
Tx Data: The logic level input for the data to be transmitted. This data should be synchronous
with the “Tx Clock”.
Rx Data: A logic level output carrying the received data, synchronous with the “Rx Clock”.
Rx Clock: A logic level clock output at the received data bit-rate.
Tx Clock: A logic level clock output at the transmit-data rate.
Rx S/N: A logic level output which may be used as an indication of the quality of the received
signal.
V
DD:
Positive supply rail. A single +5 volt power supply is required. Levels and voltages within this
modem are dependent upon this supply. This pin should be decoupled to V
SS by a capacitor
mounted close to the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com