Electronic Components Datasheet Search
  English  ▼

X  

FX489 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FX489
Description  GMSK Modem
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FX489 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FX489 Datasheet HTML 1Page - List of Unclassifed Manufacturers FX489 Datasheet HTML 2Page - List of Unclassifed Manufacturers FX489 Datasheet HTML 3Page - List of Unclassifed Manufacturers FX489 Datasheet HTML 4Page - List of Unclassifed Manufacturers FX489 Datasheet HTML 5Page - List of Unclassifed Manufacturers FX489 Datasheet HTML 6Page - List of Unclassifed Manufacturers FX489 Datasheet HTML 7Page - List of Unclassifed Manufacturers FX489 Datasheet HTML 8Page - List of Unclassifed Manufacturers FX489 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
PRODUCT INFORMATION
Obsolete Product - For Information Only
CML Semiconductor Products
FX489 GMSK Modem
Features
Full-Duplex Gaussian Minimum
Shift Keying
Selectable BT (0.3 or 0.5)
Meets RAM - MOBITEX Specification
Data Rates From 4000bits/s to
19200bits/s
Serial Rx and Tx Data Interfaces
Rx and Tx Data Clock Generation
Rx Signal Tracking Controls
Rx S/N Indication
Separate Rx and Tx Powersave
Inputs
Wireless Modem, Radio Telemetry
and Data Terminal Applications
The FX489 is a single-chip modem employing
Gaussian Minimum Shift Keying (GMSK) modulation.
Having a pin selectable BT of 0.3 or 0.5, the FX489
may be employed at data rates of between 4,000bits/s
and 19,200bits/s; for use in FM radio-data links and
data communication systems conforming to DOC and
FCC spectrum limitations for 12.5kHz and 8,000 baud
at a BT of 0.3, and 12.5, 25.0, and 50.kHz channel
spacing and data rates of 4800, 9600 and 19,200
baud respectively at a BT of 0.5.
The Rx and Tx digital data interfaces are bit-serial
and synchronised to Rx and Tx data clocks generated
by the modem. Separate Rx and Tx Powersave/
Enable inputs allow for full- or half-duplex operation.
Rx input levels can be set by a suitable a.c. and
d.c. level adjusting circuit built, with external
components, around an on-chip Rx input amplifier.
Acquisition, lock and hold of Rx data signals is
made easier and faster by the use of Rx Control
Inputs to clamp, detect and/or hold input data levels
and can be set by the µProcessor as required.
Indication is available, from the Rx S/N output, as
to the quality of the received signal.
The FX489, a low-power CMOS microcircuit, is
available in both 24-pin plastic Small Outline (S.O.I.C)
and DIL packages.
Brief Description
Fig.1 Functional Block Diagram
FX489
Tx PS
Rx PS
BT
Tx DATA
ClkDIVA
PLLacq
RxDCacq
Rx SIGNAL IN
Rx FEEDBACK
ClkDIVB
XTAL/CLOCK
Tx ENABLE
XTAL
VDD
VBIAS
VBIAS
VBIAS
VBIAS
VSS
RxHold
+
-
DOC1
Rx CLOCK
Tx CLOCK
Tx OUT
Rx DATA
Rx S/N
DOC2
DATA RETIME
&
LEVEL SHIFT
Tx
FILTER
CLOCK
DIVIDER
Rx CIRCUIT
CONTROL
Rx
FILTER
Rx LEVEL
MEASURE
Rx CLOCK
EXTRACT
Rx S/N
DETECTION
Rx DATA
EXTRACT
NEW
40kbps
Modem
FX589
Pin/Function
Compatible


Similar Part No. - FX489

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
FX489 CMLMICRO-FX489 Datasheet
109Kb / 12P
GMSK Modem
FX489DW CMLMICRO-FX489DW Datasheet
109Kb / 12P
GMSK Modem
FX489P CMLMICRO-FX489P Datasheet
109Kb / 12P
GMSK Modem
More results

Similar Description - FX489

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2791C BEL-2791C Datasheet
34Kb / 2P
MODEM MAGNETICS V.90 Modem Transformer
logo
CML Microcircuits
FX489 CMLMICRO-FX489 Datasheet
109Kb / 12P
GMSK Modem
FX579 CMLMICRO-FX579 Datasheet
574Kb / 23P
HALF DUPLEX GMSK MODEM
FX589 CMLMICRO-FX589 Datasheet
263Kb / 18P
Low-Voltage/High-Speed GMSK Modem
logo
XFMRS Inc.
XFTEL2 XFMRS-XFTEL2_15 Datasheet
37Kb / 1P
MODEM
logo
PHOENIX CONTACT
2313436 PHOENIX-2313436 Datasheet
60Kb / 2P
Modem - PSI-MODEM-BASIC/USB
2313656 PHOENIX-2313656 Datasheet
291Kb / 7P
Modem - PSI-MODEM-SHDSL/PB
2313300 PHOENIX-2313300 Datasheet
148Kb / 9P
Modem - PSI-MODEM/ETH
09/12/2020
2313643 PHOENIX-2313643 Datasheet
261Kb / 18P
Modem - PSI-MODEM-SHDSL/ETH
09/12/2020
2313669 PHOENIX-2313669 Datasheet
730Kb / 17P
Modem - PSI-MODEM-SHDSL/SERIAL
Dec 2, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com