Electronic Components Datasheet Search
  English  ▼

X  

FX489 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # FX489
Description  GMSK Modem
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FX489 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button FX489 Datasheet HTML 4Page - List of Unclassifed Manufacturers FX489 Datasheet HTML 5Page - List of Unclassifed Manufacturers FX489 Datasheet HTML 6Page - List of Unclassifed Manufacturers FX489 Datasheet HTML 7Page - List of Unclassifed Manufacturers FX489 Datasheet HTML 8Page - List of Unclassifed Manufacturers FX489 Datasheet HTML 9Page - List of Unclassifed Manufacturers FX489 Datasheet HTML 10Page - List of Unclassifed Manufacturers FX489 Datasheet HTML 11Page - List of Unclassifed Manufacturers FX489 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Application Information ......
Tx Signal Path Description
The binary data applied to the ‘Tx Data’ input is
retimed within the chip on each rising edge of the ‘Tx
Clock’ and then converted to a 1-volt peak-to-peak
binary signal centred about V
BIAS.
If the ‘Tx Enable’ input is ‘high,’ then this internal
binary signal will be connected to the input of the
lowpass Tx Filter, and the output of the filter connected
to the ‘Tx Out’ pin.
data bit-rate (BT).
Note that an external RC network is required
between the ‘Tx Out’ pin and the input to the
Frequency Modulator (see Figures 2 and 3). This
network, which can form part of any d.c. level shifting
and gain adjustment circuitry, forms an important part
of the transmit signal filtering, and the ground
connection to the capacitor C
1 should be positioned to
give maximum attenuation of high-frequency noise into
the modulator.
The component values should be chosen so that
the product of the resistance (Ohms) and the
capacitance (Farads) is:
BT of 0.3 = 0.34/bit rate (bits/second)
BT of 0.5 = 0.22/bit rate (bits/second)
with suitable values for common bit rates being:
RC
8000 bits/sec, BT = 0.3
91.0k
Ω
470pF
4800 bits/sec, BT = 0.5
100k
Ω
470pF
9600 bits/sec, BT = 0.5
47.0k
Ω
470pF
The signal at ‘Tx Out’ is centred around V
BIAS, going
positive for logic “1” (high) level inputs to the ‘Tx Data’
input and negative for logic “0” (low) inputs.
When the transmit circuits are put into a
‘powersave’ mode (by a logic “1” to the ‘Tx PS’ pin) the
output voltage of the Tx Filter will go to V
SS.
When power is subsequently restored to the Tx Filter,
its output will take several bit-times to settle. The ‘Tx
Enable’ input can be used to prevent these abnormal
voltages from appearing at the ‘Tx Out’ pin.
A ‘low’ input to the ‘Tx Enable’ will connect the input of
the Tx Filter to V
BIAS, and disconnect the ‘Tx Out’ pin
from the filter, connecting it instead to V
BIAS through a
high resistance (nominally 500k
Ω).
The Tx Filter has a lowpass frequency response,
which is approximately gaussian in shape as shown in
Figure 9, to minimise amplitude and phase distortion of
the binary signal while providing sufficient attenuation
of the high frequency-components which would
otherwise cause interference into adjacent radio
channels. The actual filter bandwidth to be used in any
particular application will be determined by the overall
system requirements. The attenuation-vs-frequency
response of the transmit filtering provided by the
FX489 have been designed to meet the specifications
for most GMSK modem systems, having a -3dB
bandwidth switchable between 0.3 and 0.5 times the
Tx Enable
Tx Filter Input
Tx Out Pin
‘1’ (high)
1 volt p-p Data In
Filtered Data
“0” (low)
V
BIAS
V
BIAS via 500kΩ
1 BIT PERIOD
1.0µSMin.
1.0µSMin.
1.0µSMax.
1.0µSMax.
Tx DATA SAMPLED BY
THE FX489 AT THESE
INSTANCES
Tx Data
Rx Data
Rx Clock
Tx Clock
DON’T CARE
DATA INVALID
DATA VALID
DATA MUST
BE VALID
EXTERNAL CIRCUITS SHOULD
SAMPLE Rx DATA AT THIS TIME
Tx CLOCK AND Rx CLOCK OUTPUTS
(MARK/SPACE) DUTY CYCLE NOMINALLY 50%
Fig.8 Rx and Tx Clock Data Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com