Electronic Components Datasheet Search
  English  ▼

X  

FX489 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FX489
Description  GMSK Modem
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FX489 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FX489 Datasheet HTML 1Page - List of Unclassifed Manufacturers FX489 Datasheet HTML 2Page - List of Unclassifed Manufacturers FX489 Datasheet HTML 3Page - List of Unclassifed Manufacturers FX489 Datasheet HTML 4Page - List of Unclassifed Manufacturers FX489 Datasheet HTML 5Page - List of Unclassifed Manufacturers FX489 Datasheet HTML 6Page - List of Unclassifed Manufacturers FX489 Datasheet HTML 7Page - List of Unclassifed Manufacturers FX489 Datasheet HTML 8Page - List of Unclassifed Manufacturers FX489 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Application Information ......
FX489
GMSK MODEM
Rx
CIRCUITS
Tx
CIRCUITS
Rx DATA
Rx CLOCK
Tx DATA
Tx CLOCK
Tx OUT
SIGNAL AND
DC LEVEL
ADJUSTMENT
SIGNAL AND
DC LEVEL
ADJUSTMENT
Rx SIGNAL IN
Rx FEEDBACK
Rx FREQUENCY
DISCRIMINATOR
RxD
RxC
TxD
TxC
MICRO
CONTROLLER
FREQUENCY
MODULATOR
Fig.3 External Signal Paths
MICROCONTROLLER
SERIAL
I/O PORT
RxD
RxC
TxD
TxC
V
DD
SETTINGS: D/Rate 4800bps - BT 0.5 - Rx & Tx Enabled
4.9152MHz
XTAL/CLOCK
Tx ENABLE
ClkDIVA
ClkDIVB
BT
Tx PS
Rx PS
Rx S/N
FX489
GMSK MODEM
PLLacq
RxDCacq
XTAL
Rx DATA
Rx CLOCK
Tx DATA
Tx CLOCK
RxHOLD
Clock Oscillator and Dividers
The Tx and (nominal) Rx data rates are determined
by division of the frequency present at the Xtal pin,
which may be generated by the on-chip Xtal oscillator
or be derived from an external source.
The division ratio is controlled by the logic level
inputs on the ClkDivA/B pins, and is shown in the table
below - together with an indication of how various
‘standard’ data rates may be derived from common µP
Xtal frequencies.
Xtal/Clock Frequency (MHz)
4.096
4.9152
2.048
2.4576
[12.288/3]
[6.144/3]
[12.288/5]
Division ratio
ClkDiv ClkDiv
Xtal Freq/
Data Rate (bps)
A
B
Data Rate
0
0
128
16000
19200
0
1
256
16000
19200
8000
9600
1
0
512
8000
9600
4000
4800
1
1
1024
4000
4800
Note
that device operation is not
guaranteed or specified above 19,200 bits/s
or below 4,000 bits/s.
Table 1 Clock/Data Rates
Radio Channel Requirements
To achieve legal adjacent channel performance at
high bit-rates, a radio with an accurate carrier
frequency and an accurate modulation index will be
required.
To achieve optimum channel utilization, (eg. low
BER and high data-rates) attention must be paid to the
phase and frequency response of both the IF and
baseband circuitry.
Fig.4 Minimum µController System Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com