Electronic Components Datasheet Search
  English  ▼

X  

SL28541BZCT Datasheet(PDF) 25 Page - Silicon Laboratories

Part # SL28541BZCT
Description  Clock Generator for Intel짰Mobile Chipset
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28541BZCT Datasheet(HTML) 25 Page - Silicon Laboratories

Back Button SL28541BZCT Datasheet HTML 21Page - Silicon Laboratories SL28541BZCT Datasheet HTML 22Page - Silicon Laboratories SL28541BZCT Datasheet HTML 23Page - Silicon Laboratories SL28541BZCT Datasheet HTML 24Page - Silicon Laboratories SL28541BZCT Datasheet HTML 25Page - Silicon Laboratories SL28541BZCT Datasheet HTML 26Page - Silicon Laboratories SL28541BZCT Datasheet HTML 27Page - Silicon Laboratories SL28541BZCT Datasheet HTML 28Page - Silicon Laboratories SL28541BZCT Datasheet HTML 29Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
SL28541
...................... DOC #: SP-AP-0063 (Rev. AA) Page 25 of 31
Test and Measurement Set-up
For PCI Single-ended Signals and Reference
The following diagram shows the test load configurations for
the single-ended PCI, USB, and REF output signals.
TR / TF
REF Rising and Falling Edge Rate
Measured between 0.8V and 2.0V
1.0
4.0
V/ns
TSKEW
REF Clock to REF Clock
Measurement at 1.5V
–500
ps
TCCJ
REF Cycle to Cycle Jitter
Measurement at 1.5V
–
1000
ps
LACC
Long Term Accuracy
Measurement at 1.5V
–100
ppm
ENABLE/DISABLE and SET-UP
TSTABLE
Clock Stabilization from Power-up
–1.8
ms
TSS
Stopclock Set-up Time
10.0
–
ns
AC Electrical Specifications (continued)
Parameter
Description
Condition
Min.
Max.
Unit
22
Measurement
Point
4 pF
50
22
Measurement
Point
4 pF
50
PCI/USB
L1
L2
L1
L2
L1 = 0.5", L2 = 8"
Figure 10. Single-ended PCI and USB Double Load Configuration
50
15
Measurement
Point
4 pF
50
15
Measurement
Point
4 pF
50
REF
L2
L2
L1
L1
L2
15
Measurement
Point
4 pF
L1
L1 = 0.5", L2 = 8"
Figure 11. Single-ended REF Triple Load Configuration
Figure 12. Single-ended Output Signals (for AC Parameters Measurement)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com