Electronic Components Datasheet Search
  English  ▼

X  

SL28541BZCT Datasheet(PDF) 27 Page - Silicon Laboratories

Part # SL28541BZCT
Description  Clock Generator for Intel짰Mobile Chipset
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28541BZCT Datasheet(HTML) 27 Page - Silicon Laboratories

Back Button SL28541BZCT Datasheet HTML 23Page - Silicon Laboratories SL28541BZCT Datasheet HTML 24Page - Silicon Laboratories SL28541BZCT Datasheet HTML 25Page - Silicon Laboratories SL28541BZCT Datasheet HTML 26Page - Silicon Laboratories SL28541BZCT Datasheet HTML 27Page - Silicon Laboratories SL28541BZCT Datasheet HTML 28Page - Silicon Laboratories SL28541BZCT Datasheet HTML 29Page - Silicon Laboratories SL28541BZCT Datasheet HTML 30Page - Silicon Laboratories SL28541BZCT Datasheet HTML 31Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
SL28541
...................... DOC #: SP-AP-0063 (Rev. AA) Page 27 of 31
VMIN = 0.30V
VMIN = 0.30V
VcrossMIN = 300mV
VcrossMAX = 550mV
VcrossMIN = 300mV
VcrossMAX = 550mV
VMAX = 1.15V
VMAX = 1.15V
CLK#
CLK
CLK#
Vcross delta = 140mV
Vcross delta = 140mV
CLK
CLK#
CLK#
CLK
Vcross median
Vcross median
Vcross median +75mV
Vcross median -75mV
CLK
Figure 15. Single-ended Measurement for Differential Output Signals (for AC Parameters Measurement)
Ordering Information
Part Number
Package Type
Product Flow
Lead-free
SL28541BZC
64-pin TSSOP
Commercial, 0
 to 85C
SL28541BZCT
64-pin TSSOP–Tape and Reel
Commercial, 0
 to 85C
SL28541BQCR
64-pin QFN
Commercial, 0
 to 85C
SL28541BQCRT
64-pin QFN–Tape and Reel
Commercial, 0
 to 85C
SL28541BZI
64-pin TSSOP
Industrial, -40
 to 85C
SL28541BZIT
64-pin TSSOP–Tape and Reel
Industrial, -40
 to 85C
SL28541BQIR
64-pin QFN
Industrial, -40
 to 85C
SL28541BQIRT
64-pin QFN–Tape and Reel
Industrial, -40
 to 85C
This device is Pb-free, Halogen-free and RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com